Electronic Components Datasheet Search
  English  ▼

X  

ADPD1081 Datasheet(PDF) 40 Page - Analog Devices

Part # ADPD1081
Description  Photometric Front Ends
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD1081 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADPD1081 Datasheet HTML 36Page - Analog Devices ADPD1081 Datasheet HTML 37Page - Analog Devices ADPD1081 Datasheet HTML 38Page - Analog Devices ADPD1081 Datasheet HTML 39Page - Analog Devices ADPD1081 Datasheet HTML 40Page - Analog Devices ADPD1081 Datasheet HTML 41Page - Analog Devices ADPD1081 Datasheet HTML 42Page - Analog Devices ADPD1081 Datasheet HTML 43Page - Analog Devices ADPD1081 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 74 page
background image
ADPD1080/ADPD1081
Data Sheet
Rev. C | Page 40 of 74
Improving SNR Using Integrator Chopping
The last stage in the analog front end that is integrated into the
ADPD1080/ADPD1081 data path is a charge integrator. The
integrator uses an on and off integration sequence, synchronized
to the emitted light pulse, which acts as an additional high-pass
filter to remove offsets, drifts, and low frequency noise from the
previous stages. However, the integrating amplifier can itself
introduce low frequency signal content at a low level. The
ADPD1080/ADPD1081 have an integrator chop mode that
enables additional chopping in the digital domain to remove
this signal. This chopping is achieved by using even numbers of
pulses per sample and inverting the integration sequence for
half of those sequences. In the calculation to combine the
digitized result of each of the pulses of the sample, the sequences
with an inverted integrator sequence are subtracted and the
sequences with a normal integrator sequence are added. An
example diagram of the integrator chopping sequence is shown
in Figure 46.
The result is that any low frequency signal contribution from
the integrator is eliminated, leaving only the integrated signal,
which results in higher SNR, especially at higher numbers of
pulses and at lower TIA gains where the noise contribution of
the integrator becomes more pronounced.
Digital chopping is enabled using the registers and bits detailed
in Table 25. The bit fields define the chopping operation for the
first four pulses. This 4-bit sequence is then repeated for all
subsequent pulses. In Figure 46, a sequence is shown where the
second and fourth pulses are inverted, whereas the first and third
pulses remain in the default polarity (noninverted). This configura-
tion is achieved by setting Register 0x17, Bits[3:0] = 0xA and
Register 0x1D, Bits[3:0] = 0xA for Time Slot A and Time Slot B,
respectively. To complete the operation, the math must be
adjusted using Register 0x58. In this example, set Register 0x58,
Bits[9:8] and Register 0x58, Bits[11:10] to b01 to add the third
pulse and subtract the fourth pulse for Time Slot A and Time
Slot B, respectively. Set Register 0x58, Bits[2:1] and Register
0x58, Bits[6:5] to b01 to add the first pulse and subtract the
second pulse for Time Slot A and Time Slot B, respectively. This
sequence then repeats for every subsequent sequence of four
pulses. An even number of pulses must be used with integrator
chop mode.
When using integrator chop mode, the ADC offset registers
(Register 0x18 through Register 0x1B for Time Slot A, and
Register 0x1E through Register 0x21 for Time Slot B) must be
set to 0. These settings are required because any digital offsets
at the output of the ADC are automatically eliminated when the
math is adjusted to subtract the inverted integration sequences
while the default integration sequences are added. Integrator
chop mode also eliminates the need to manually null the ADC
offsets at startup in a typical application. Note that the elimination
of the offset using chop mode may clip at least half of the noise
signal when no input signal is present, which makes measuring
the noise floor during characterization of the system difficult.
For this reason, perform noise floor characterization of the system
either with chop mode disabled or with chop mode enabled but
with a minimal signal present at the input that increases the
noise floor enough such that it is no longer clipped.
LED
PULSE 1
+–
+
–
+–
+
–
+
–
+
–
PULSE 2
PULSE 3
PULSE 4
BAND-PASS
FILTER
OUTPUT
ADC
INTEGRATOR
SEQUENCE
Figure 46. Diagram of Integrator Chopping Sequence
Table 25. Register Settings for Integrator Chop Mode
Hex
Addr.
Data
Bit(s)
Bit Name
Description
0x17
[3:0]
INTEG_ORDER_A
Integration sequence order for Time Slot A. Each bit corresponds to the polarity of the integration
sequence of a single pulse in a four-pulse sequence. Bit 0 controls the integration sequence of
Pulse 1, Bit 1 controls Pulse 2, Bit 2 controls Pulse 3, and Bit 3 controls Pulse 4. After four pulses, the
sequence repeats.
0: normal integration sequence.
1: reversed integration sequence.
0x1D
[3:0]
INTEG_ORDER_B
Integration sequence order for Time Slot B. Each bit corresponds to the polarity of the integration
sequence of a single pulse in a four-pulse sequence. Bit 0 controls the integration sequence of
Pulse 1, Bit 1 controls Pulse 2, Bit 2 controls Pulse 3, and Bit 3 controls Pulse 4. After four pulses, the
sequence repeats.
0: normal integration sequence.
1: reversed integration sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com