Electronic Components Datasheet Search
  English  ▼

X  

ADPD1081 Datasheet(PDF) 70 Page - Analog Devices

Part # ADPD1081
Description  Photometric Front Ends
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD1081 Datasheet(HTML) 70 Page - Analog Devices

Back Button ADPD1081 Datasheet HTML 66Page - Analog Devices ADPD1081 Datasheet HTML 67Page - Analog Devices ADPD1081 Datasheet HTML 68Page - Analog Devices ADPD1081 Datasheet HTML 69Page - Analog Devices ADPD1081 Datasheet HTML 70Page - Analog Devices ADPD1081 Datasheet HTML 71Page - Analog Devices ADPD1081 Datasheet HTML 72Page - Analog Devices ADPD1081 Datasheet HTML 73Page - Analog Devices ADPD1081 Datasheet HTML 74Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 70 / 74 page
background image
ADPD1080/ADPD1081
Data Sheet
Rev. C | Page 70 of 74
Address
Data Bit
Default
Value
Access
Name
Description
0x4F
[15:8]
0x20
R/W
Reserved
Write 0x20.
7
0x1
R/W
Reserved
Write 0x1.
6
0x0
R/W
GPIO1_OE
GPIO1 pin output enable.
5
0x0
R/W
GPIO1_IE
GPIO1 pin input enable.
4
0x1
R/W
Reserved
Write 0x1.
[3:2]
0x0
R/W
EXT_SYNC_SEL
Sample sync select.
00: use the internal 32 kHz clock with FSAMPLE to select sample
timings.
01: use the GPIO0 pin to trigger sample cycle.
10: use the GPIO1 pin to trigger sample cycle.
11: reserved.
1
0x0
R/W
GPIO0_IE
GPIO0 pin input enable.
0
0x0
R/W
Reserved
Write 0x0.
0x50
[15:7]
0x000
R/W
Reserved
Write 0x000.
6
0x0
R/W
GPIO1_CTRL
Controls the GPIO1 output when the GPIO1 output is enabled
(GPIO1_OE = 0x1).
0x0: GPIO1 output driven low.
0x1: GPIO1 output driven by the AFE power-down signal.
5
0x0
R/W
CLK32M_CAL_EN
As part of the 32 MHz clock calibration routine, write 1 to begin the
clock ratio calculation. Read the result of this calculation from the
CLK_RATIO bits in Register 0x0A.
Reset this bit to 0 prior to reinitiating the calculation.
[4:0]
0x00
R/W
Reserved
Write 0x0.
0x5F
[15:3]
0x0000
R/W
Reserved
Write 0x0000.
2
0x0
R/W
SLOTB_DATA_HOLD
Setting this bit prevents the update of the data registers corresponding
to Time Slot B. Set this bit to ensure that unread data registers are not
updated, guaranteeing a contiguous set of data from all four
photodiode channels.
1: hold data registers for Time Slot B.
0: allow data register update.
1
0x0
R/W
SLOTA_DATA_HOLD
Setting this bit prevents the update of the data registers corresponding
to Time Slot A. Set this bit to ensure that unread data registers are not
updated, guaranteeing a contiguous set of data from all four
photodiode channels.
1: hold data registers for Time Slot A.
0: allow data register update.
0
0x0
R/W
DIGITAL_CLOCK_ENA
Set to 1 in order to enable the 32 MHz clock when calibrating the
32 MHz clock. Always disable the 32 MHz clock following the
calibration by resetting this bit to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com