Electronic Components Datasheet Search
  English  ▼

X  

ADPD1081 Datasheet(PDF) 37 Page - Analog Devices

Part # ADPD1081
Description  Photometric Front Ends
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD1081 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADPD1081 Datasheet HTML 33Page - Analog Devices ADPD1081 Datasheet HTML 34Page - Analog Devices ADPD1081 Datasheet HTML 35Page - Analog Devices ADPD1081 Datasheet HTML 36Page - Analog Devices ADPD1081 Datasheet HTML 37Page - Analog Devices ADPD1081 Datasheet HTML 38Page - Analog Devices ADPD1081 Datasheet HTML 39Page - Analog Devices ADPD1081 Datasheet HTML 40Page - Analog Devices ADPD1081 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 74 page
background image
Data Sheet
ADPD1080/ADPD1081
Rev. C | Page 37 of 74
Table 24. ADPD1080/ADPD1081 Settings Used for Timing Diagrams Shown in Figure 43 and Figure 44
Register
Setting
Description
0x31
0x0118
Time Slot A: 1 LED pulse
0x36
0x0418
Time Slot B: 4 LED pulses
0x15
0x0120
Time Slot A decimation = 4, Time Slot B decimation = 2
SLOT A
SLOT B
SLOT B
SLOT A
SLEEP
Figure 43. Optional Timing Signals Available on GPIOx—Register 0x0B, Bits[12:8] or Bits[4:0] = 0x02, 0x05, 0x06, 0x07, and 0x0F
SLOT A/B
SLOT A/B
SLOT A/B
SLOT A/B
SLOT A/B
SLOT A/B
0x02
0x0D
0x0E
0x0C
SLEEP
SLEEP
SLEEP
SLEEP
SLEEP
Figure 44. Optional Timing Signals Available on GPIOx—Register 0x0B, Bits[12:8] or Bits[4:0] = 0x02, 0x0C, 0x0D, and 0x0E
ADPD103 Backward Compatibility
Setting Register 0x0B = 0 provides backward compatibility to
the ADPD103. The GPIO0 pin mirrors the functionality of the
ADPD103 INT pin. The GPIO1 pin mirrors the functionality of
the ADPD103 PDSO pin.
Interrupt Function
Setting Register 0x0B, Bits[12:8] or Bits[4:0] = 0x01 configures
the respective pin to perform the interrupt function as defined
by the settings in Register 0x01.
Sample Timing
Setting Register 0x0B, Bits[12:8] or Bits[4:0] = 0x02 configures
the respective pin to provide a signal that asserts at the beginning
of the first time slot of the current sample and deasserts at the end
of the last time slot of the current sample. For example, if both
time slots are enabled, this signal asserts at the beginning of
Time Slot A and deasserts at the end of Time Slot B. If only a
single time slot is enabled, the signal asserts at the beginning of
the enabled time slot and deasserts at the end of this same time slot.
Pulse Outputs
Three options are available to provide a copy of the LED pulse
outputs. Setting Register 0x0B, Bits[12:8] or Bits[4:0] = 0x05
provides a copy of the Time Slot A LED pulses on the respective
pin. A setting of 0x06 provides the Time Slot B pulses, and a
setting of 0x07 provides the pulse outputs of both time slots.
Output Data Cycle Signal
Three options are available to provide a signal that indicates
when the output data is written to the output data registers or
to the FIFO. Setting Register 0x0B, Bits[12:8] or Bits[4:0] =
0x0C provides a signal that indicates that a data value is written
for Time Slot A. A setting of 0x0D provides a signal that
indicates that a data value is written for Time Slot B, and a
setting of 0x0E provides a signal to indicate that a value is
written for either time slot. The signal asserts at the end of the
time slot, when the output data is already written, and deasserts
at the start of the subsequent sample. This timing signal is
especially useful in situations where the FIFO is used. For
example, one of the GPIOx pins can provide an interrupt after the
FIFO reaches the FIFO threshold set in Register 0x06, Bits[13:8],
while the other GPIOx pin can provide the output data cycle
signal. This signal can trigger a peripheral device, such as an
accelerometer, so that time aligned signals are provided to the
processor.
fS/2 Output
Setting Register 0x0B, Bits[12:8] or Bits[4:0] = 0x0F configures
the respective pin to provide a signal that toggles at half the
sampling rate. This timing signal is useful in, for example,
situations where more than two LEDs per sample are required.
This signal can be used as a select signal to a multiplexer being
used to mux two LEDs into a single LED driver, providing the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com