Electronic Components Datasheet Search
  English  ▼

X  

ADPD1081 Datasheet(PDF) 38 Page - Analog Devices

Part # ADPD1081
Description  Photometric Front Ends
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD1081 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADPD1081 Datasheet HTML 34Page - Analog Devices ADPD1081 Datasheet HTML 35Page - Analog Devices ADPD1081 Datasheet HTML 36Page - Analog Devices ADPD1081 Datasheet HTML 37Page - Analog Devices ADPD1081 Datasheet HTML 38Page - Analog Devices ADPD1081 Datasheet HTML 39Page - Analog Devices ADPD1081 Datasheet HTML 40Page - Analog Devices ADPD1081 Datasheet HTML 41Page - Analog Devices ADPD1081 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 74 page
background image
ADPD1080/ADPD1081
Data Sheet
Rev. C | Page 38 of 74
ability to drive up to four separate LEDs per sample period.
In such a case, the ADPD1080/ADPD1081 operate at 2× the
sampling rate, and the LED settings can be reconfigured
during the sleep period between samples. If identical LED
settings (current and timing) are used for the LEDs being
muxed, up to four LEDs can be sampled per sampling period
without host intervention. An example of this configuration is
shown in Figure 45.
The fS/2 timing signal always starts in an active low state when
the device switches from standby mode to normal operating
mode and transitions to a high state at the completion of the
first sample.
VLED
ADPD1080/
ADPD1081
LEDx
GPIOx
0
1
Figure 45. Example Using the fS/2 Timing Signal
Logic 0 Output
Setting Register 0x0B, Bits[12:8] or Bits[4:0] = 0x10 configures
the respective pin to provide a Logic 0 output.
Logic 1 Output
Setting Register 0x0B, Bits[12:8] or Bits[4:0] = 0x11 configures
the respective pin to provide a Logic 1 output.
32 kHz Oscillator Output
Setting Register 0x0B, Bits[12:8] or Bits[4:0] = 0x13 configures
the respective pin to provide a copy of the on-board 32 kHz
oscillator.
CALCULATING CURRENT CONSUMPTION
The current consumption of the ADPD1080/ADPD1081
depends on the user selected operating configuration, as
determined by the following equations.
Total Power Consumption
To calculate the total power consumption, use Equation 4.
Total Power = IVDD_AVG × VDD + ILEDA_AVG × VLEDA +
ILEDB_AVG × VLEDB
(4)
Average VDD Supply Current
To calculate the average VDD supply current, use Equation 5.
IVDD_AVG = DR × ((IAFE_A × tSLOTA) + (IAFE_B × tSLOTB) +
QPROC_X) + IVDD_STANDBY
(5)
where:
DR is the data rate in Hz.
IVDD_STANDBY = 0.2 µA.
QPROC_X is an average charge associated with a processing time.
When only Time Slot A is enabled,
QPROC_A (C) = 0.35 × 10−6
When only Time Slot B is enabled,
QPROC_B (C) = 0.24 × 10−6
When Time Slot A and Time Slot B are enabled,
QPROC_AB (C) = 0.40 × 10−6
IAFE_x (A) = 3.0 × 10−3 + (1.5 × 10−3 × NUM_CHANNELS) +
(4.6 × 10−3 × ILEDX_PK/SCALE_X)
(6)
tSLOTx (sec) = LEDx_OFFSET + LEDx_PERIOD ×
PULSE_COUNT
(7)
where:
NUM_CHANNELS is the number of active channels.
ILEDX_PK is the peak LED current, expressed in amps, for whichever
LED is enabled in that particular time slot.
SCALE_X is the scale factor for the LED current drive determined
by Bit 13 of the ILEDx_COARSE registers, Register 0x22,
Register 0x23, and Register 0x24.
LEDx_OFFSET is the pulse start time offset expressed in
seconds.
LEDx_PERIOD is the pulse period expressed in seconds.
PULSE_COUNT is the number of pulses.
If either Time Slot A or Time Slot B are disabled, IAFE_x = 0 for that
respective time slot. Additionally, if operating in TIA ADC mode,
set Register 0x3C, Bits[8:3] = 010010 to achieve power savings.
This setting disables the BPFs that are bypassed in TIA ADC
mode, changing the AFE power contribution calculation to
IAFE_x (mA) = 3.0 × 10−3 + (1.0 × 10−3 × NUM_CHANNELS) +
(4.6 × 10−3 × ILEDX_PK/SCALE_X)
(8)
Average VLEDA Supply Current
To calculate the average VLEDA supply current, use Equation 9.
ILED_AVG_A = SLOTA_LED_WIDTH × ILEDA_PK × DR ×
PULSE_COUNT
(9)
where:
SLOTA_LED_WIDTH is the LED pulse width expressed in
seconds.
ILEDA_PK is the peak current, expressed in amps, for whichever
LED is selected for Time Slot A.
Average VLEDB Supply Current
To calculate the average VLEDB supply current, use Equation 10.
ILED_AVG_B = SLOTB_LED_WIDTH × ILEDB_PK × DR ×
PULSE_COUNT
(10)
where:
SLOTB_LED_WIDTH is the LED pulse width expressed in
seconds.
ILEDB_PK is the peak current, expressed in amps, for whichever
LED is selected for Time Slot B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com