Electronic Components Datasheet Search
  English  ▼

X  

ADPD1081 Datasheet(PDF) 68 Page - Analog Devices

Part # ADPD1081
Description  Photometric Front Ends
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD1081 Datasheet(HTML) 68 Page - Analog Devices

Back Button ADPD1081 Datasheet HTML 64Page - Analog Devices ADPD1081 Datasheet HTML 65Page - Analog Devices ADPD1081 Datasheet HTML 66Page - Analog Devices ADPD1081 Datasheet HTML 67Page - Analog Devices ADPD1081 Datasheet HTML 68Page - Analog Devices ADPD1081 Datasheet HTML 69Page - Analog Devices ADPD1081 Datasheet HTML 70Page - Analog Devices ADPD1081 Datasheet HTML 71Page - Analog Devices ADPD1081 Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 74 page
background image
ADPD1080/ADPD1081
Data Sheet
Rev. C | Page 68 of 74
Address
Data Bit
Default
Value
Access
Name
Description
0x05: Time Slot A pulse output.
0x06: Time Slot B pulse output.
0x07: pulse output of both time slots.
0x0C: output data cycle occurred for Time Slot A.
0x0D: output data cycle occurred for Time Slot B.
0x0E: output data cycle occurred.
0x0F: toggles on every sample, which provides a signal at half the
sampling rate.
0x10: output = 0.
0x11: output = 1.
0x13: 32 kHz oscillator output.
Remaining settings are not supported.
[7:5]
0x0
R/W
Reserved
Write 0x0.
[4:0]
0x00
R/W
GPIO0_ALT_CFG
Alternate configuration for the GPIO0 pin.
0x0: GPIO0 is backward compatible to the ADPD103 INT pin
functionality.
0x1: interrupt function provided on GPIO0, as defined in Register 0x01.
0x2: asserts at the start of the first time slot, deasserts at end of last
time slot.
0x5: Time Slot A pulse output.
0x6: Time Slot B pulse output.
0x7: pulse output of both time slots.
0xC: output data cycle occurred for Time Slot A.
0xD: output data cycle occurred for Time Slot B.
0xE: output data cycle occurred.
0xF: toggles on every sample, which provides a signal at half the
sampling rate.
0x10: output = 0.
0x11: output = 1.
0x13: 32 kHz oscillator output.
Remaining settings are not supported.
0x0D
[15:0]
0x0000
R/W
SLAVE_ADDRESS_KEY
Enable changing the I2C address using Register 0x09.
0x04AD: enable address change always.
0x44AD: enable address change if GPIO0 is high.
0x84AD: enable address change if GPIO1 is high.
0xC4AD: enable address change if both GPIO0 and GPIO1 are high.
0x0F
[15:1]
0x0000
R
Reserved
Write 0x0000.
0
0x0
R/W
SW_RESET
Software reset. Write 0x1 to reset the devices. This bit clears itself
after a reset. For I2C communications, this command returns an
acknowledge and the device subsequently returns to standby mode
with all registers reset to the default state.
0x10
[15:2]
0x0000
R/W
Reserved
Write 0x000.
[1:0]
0x0
R/W
Mode
Determines the operating mode of the ADPD1080/ADPD1081.
0x0: standby.
0x1: program.
0x2: normal operation.
0x11
[15:14]
0x0
R/W
Reserved
Reserved.
13
0x0
R/W
RDOUT_MODE
Readback data mode for extended data registers.
0x0: block sum of N samples.
0x1: block average of N samples.
12
0x1
R/W
FIFO_OVRN_PREVENT
0x0: wrap around FIFO, overwriting old data with new.
0x1: new data if FIFO is not full (recommended setting).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com