Electronic Components Datasheet Search
  English  ▼

X  

ADPD1081 Datasheet(PDF) 19 Page - Analog Devices

Part # ADPD1081
Description  Photometric Front Ends
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD1081 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADPD1081 Datasheet HTML 15Page - Analog Devices ADPD1081 Datasheet HTML 16Page - Analog Devices ADPD1081 Datasheet HTML 17Page - Analog Devices ADPD1081 Datasheet HTML 18Page - Analog Devices ADPD1081 Datasheet HTML 19Page - Analog Devices ADPD1081 Datasheet HTML 20Page - Analog Devices ADPD1081 Datasheet HTML 21Page - Analog Devices ADPD1081 Datasheet HTML 22Page - Analog Devices ADPD1081 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 74 page
background image
Data Sheet
ADPD1080/ADPD1081
Rev. C | Page 19 of 74
THEORY OF OPERATION
INTRODUCTION
The ADPD1080/ADPD1081 operate as a complete optical
transceiver stimulating up to three LEDs and measuring the
return signal on up to two separate current inputs. The core
consists of a photometric front end coupled with an ADC,
digital block, and three independent LED drivers. The core
circuitry stimulates the LEDs and measures the return in the
analog block through one to eight photodiode inputs, storing
the results in discrete data locations. The two inputs can drive
four simultaneous input channels. Data can be read directly by
a register or through a first in, first out (FIFO) method. This
highly integrated system includes an analog signal processing
block, digital signal processing block, an I2C communication
interface on the ADPD1080 or an SPI port on the ADPD1081,
and programmable pulsed LED current sources.
The LED driver is a current sink and is agnostic to the LED supply
voltage and the LED type. The photodiode (PDx) inputs can
accommodate any photodiode with an input capacitance of
less than 100 pF. The ADPD1080/ADPD1081 produces a high
SNR for relatively low LED power while greatly reducing the effect
of ambient light on the measured signal.
DUAL TIME SLOT OPERATION
The ADPD1080/ADPD1081 operate in two independent time
slots, Time Slot A and Time Slot B, that operate sequentially.
The entire signal path from LED stimulation to data capture and
processing executes during each time slot. Each time slot has a
separate datapath that uses independent settings for the LED
driver, AFE setup, and the resulting data. Time Slot A and
Time Slot B operate in sequence for every sampling period, as
shown in Figure 17.
The timing parameters for Time Slot A and Time Slot B are
defined as follows:
tA (µs) = SLOTA_LED_OFFSET + nA × SLOTA_PERIOD
where nA is the number of pulses for Time Slot A (Register 0x31,
Bits[15:8]).
tB (µs) = SLOTB_LED_OFFSET + nB × SLOTB_PERIOD
where nB is the number of pulses for Time Slot B (Register 0x36,
Bits[15:8]).
Calculate the LED period using the following equation:
LED_PERIOD, minimum = 2 × SLOTx_AFE_WIDTH + 11
t1 and t2 are fixed and based on the computation time for each
slot. If a slot is not in use, these times do not add to the total
active time. Table 15 defines the values for these LED and
sampling time parameters.
ACTIVE
tA
t1
tB
t2
SLEEP
TIME SLOT A
TIME SLOT B
ACTIVE
1/fSAMPLE
nA PULSES
nB PULSES
Figure 17. Time Slot Timing Diagram (fSAMPLE is the sampling frequency (Register 0x12, Bits[15:0]).)
Table 15. LED Timing and Sample Timing Parameters
Parameter
Register
Bits
Test Conditions/Comments
Min
Typ
Max
Unit
SLOTA_LED_OFFSET1
0x30
[7:0]
Delay from power-up to LEDA rising edge
23
63
µs
SLOTB_LED_OFFSET1
0x35
[7:0]
Delay from power-up to LEDB rising edge
23
63
µs
SLOTA_PERIOD2
0x31
[7:0]
Time between LED pulses in Time Slot A; SLOTx_AFE_WIDTH = 4 µs
19
63
µs
SLOTB_PERIOD2
0x36
[7:0]
Time between LED pulses in Time Slot B; SLOTx_AFE_WIDTH = 4 µs
19
63
µs
t1
N/A
N/A
Compute time for Time Slot A
68
µs
t2
N/A
N/A
Compute time for Time Slot B
20
µs
tSLEEP
N/A
N/A
Sleep time between sample periods
222
µs
1
Setting the SLOTx_LED_OFFSET less than the specified minimum value can cause failure of ambient light rejection for large photodiodes.
2
Setting the SLOTx_LED_PERIOD less than the specified minimum value can cause invalid data captures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com