Electronic Components Datasheet Search
  English  ▼

X  

ADPD1081 Datasheet(PDF) 74 Page - Analog Devices

Part # ADPD1081
Description  Photometric Front Ends
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD1081 Datasheet(HTML) 74 Page - Analog Devices

Back Button ADPD1081 Datasheet HTML 66Page - Analog Devices ADPD1081 Datasheet HTML 67Page - Analog Devices ADPD1081 Datasheet HTML 68Page - Analog Devices ADPD1081 Datasheet HTML 69Page - Analog Devices ADPD1081 Datasheet HTML 70Page - Analog Devices ADPD1081 Datasheet HTML 71Page - Analog Devices ADPD1081 Datasheet HTML 72Page - Analog Devices ADPD1081 Datasheet HTML 73Page - Analog Devices ADPD1081 Datasheet HTML 74Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 74 / 74 page
background image
ADPD1080/ADPD1081
Data Sheet
Rev. C | Page 74 of 74
BOTTOM VIEW
(BALL SIDE UP)
A
B
C
D
E
F
0.560
0.500
0.440
1.44
1.40
1.36
2.50
2.46
2.42
1
2
3
0.300
0.260
0.220
0.40
BSC
2.00
REF
0.80 REF
BALL A1
IDENTIFIER
SEATING
PLANE
0.230
0.200
0.170
0.330
0.300
0.270
COPLANARITY
0.05
TOP VIEW
(BALL SIDE DOWN)
END VIEW
Figure 58. 17-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-17-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2, 3
Temperature Range
Package Description
Package Option
ADPD1080BCPZ
−40°C to +85°C
28-Lead Lead Frame Chip Scale Package [LFCSP]
CP-28-5
ADPD1080BCPZR7
−40°C to +85°C
28-Lead Lead Frame Chip Scale Package [LFCSP]
CP-28-5
ADPD1080WBCPZR7
−40°C to +105°C
28-Lead Lead Frame Chip Scale Package [LFCSP]
CP-28-5
ADPD1080BCBZR7
−40°C to +85°C
16-Ball Wafer Level Chip Scale Package [WLCSP]
CB-16-18
ADPD1081BCBZR7
−40°C to +85°C
17-Ball Wafer Level Chip Scale Package [WLCSP]
CB-17-1
EVAL-ADPD1081Z-PPG
ADPD1080/ADPD1081 Sensor Board
1
Z = RoHS Compliant Part.
2
The EVAL-ADPD1081Z-PPG evaluation board is used for both the ADPD1080 and ADPD1081.
3
To interface with the EVAL-ADPD1081Z-PPG evaluation board, customers must order separately the EVAL-ADPDUCZ microcontroller board.
AUTOMOTIVE PRODUCTS
The AD1080WBCPZR7 model is available with controlled manufacturing to support the quality and reliability requirements of
automotive applications. Note that this automotive model may have specifications that differ from the commercial models; therefore
designers should review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available
for use in automotive applications. Contact your local Analog Devices account representative for specific product ordering information
and to obtain the specific Automotive Reliability reports for this model.
I2C refers to a communications protocol originally developed by Philips Semiconductors (now NXP Semiconductors).
©2018–2020 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D16110-5/20(C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com