Electronic Components Datasheet Search
  English  ▼

X  

ADPD1081 Datasheet(PDF) 42 Page - Analog Devices

Part # ADPD1081
Description  Photometric Front Ends
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD1081 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADPD1081 Datasheet HTML 38Page - Analog Devices ADPD1081 Datasheet HTML 39Page - Analog Devices ADPD1081 Datasheet HTML 40Page - Analog Devices ADPD1081 Datasheet HTML 41Page - Analog Devices ADPD1081 Datasheet HTML 42Page - Analog Devices ADPD1081 Datasheet HTML 43Page - Analog Devices ADPD1081 Datasheet HTML 44Page - Analog Devices ADPD1081 Datasheet HTML 45Page - Analog Devices ADPD1081 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 74 page
background image
ADPD1080/ADPD1081
Data Sheet
Rev. C | Page 42 of 74
Table 26. Channel Power-Down Settings
Number of Channels
Channels Enabled
Register 0x3C,
Bits[8:6]
Register 0x3C,
Bits[5:3]
Register 0x37,
Bits[15:13]
Register 0x37,
Bits[12:10]
1
Channel 1
0x7
0x0
Not applicable
Not applicable
1
Channel 2
0x0
0x7
0x7
0x0
2
Channel 1, Channel 2
0x0
0x0
0x7
0x0
2
Channel 3, Channel 4
0x0
0x7
0x0
0x7
3
Channel 2, Channel 3, Channel 4
0x0
0x7
0x0
0x0
4
All channels
0x0
0x0
0x0
0x0
OPTIMIZING DYNAMIC RANGE FOR HIGH
AMBIENT LIGHT CONDITIONS
Large amounts of ambient light use large amounts of the
available dynamic range of the TIA. The band-pass filter
rejects the ambient light prior to the charge being integrated
by the integrator; therefore, the ambient light is not a primary
concern for the integrator. However, to accommodate
increased levels of ambient light, it may be necessary to use
lower TIA gain to avoid saturation of the TIA. When the TIA
gain is reduced, the referred to input (RTI) noise of the desired
signal increases. The impact of this increase can be reversed by
increasing the gain of the integrator so that the LED signal gain
in mA per LSB remains the same.
For example, start with an amount of pulsed signal (desired)
where the TIA gain has been optimized such that the pulsed
signal is using the desired amount of ADC dynamic range
available, typically ~70% full scale. If the ambient light level
increases and the gain of the TIA must be decreased to
accommodate for the increase in ambient light without saturating
the TIA, then the amount of pulsed signal presented to the ADC is
attenuated by the factor that the TIA gain is reduced, which
results in the SNR of the desired signal reducing.
To increase the SNR of the desired signal in this situation, use
one of the following two methods. The first method simply
increases the LED current by the amount required to bring the
level of the pulsed signal at the ADC back to the desired amount
of full scale. However, this is at the expense of increasing the
overall power of the system. The second method is to increase
the gain of the integrator to achieve a similar result. Figure 48
shows a block diagram of the receive path. The gain of the signal
path is determined by the TIA feedback resistor (RF) and the
input resistor to the integrator (RINT). When RF is reduced to
provide additional dynamic range at the input to the TIA to
accommodate additional ambient light, RINT can be reduced to
provide more gain through the integrator such that the same
amount of pulsed signal at the input to the TIA utilizes the same
amount of dynamic range of the ADC before the TIA gain is
reduced. Use Bits[9:8] of Register 0x42 (Time Slot A) and
Register 0x44 (Time Slot B) to choose the resistor setting of RINT
as shown in Table 27.
TIA_VREF
TIA
6.3pF
RINT
RF
RF
RINT
6.3pF
ADC
BPF
Figure 48. Receive Path Block Diagram
Table 27. Values of RINT
Register 0x42, Bits[9:8], Register 0x44, Bits[9:8]
RINT (kΩ)
00 (default)
400
01
200
10
100
Table 28 shows an example of how the SNR can be optimized
as a function of the RF and RINT vs. the amount of ambient light
that must be accommodated. The values shown in Table 28 are
for a 2 µs LED pulse and a photodiode capacitance of 30 pF.
Table 28. Examples of SNR vs. RF and RINT Combinations
RF (kΩ)
RINT (kΩ)
Pulsed Current at
70% Full Scale (µA)
Noise (nA rms)
Maximum Ambient Current (µA)
TIA Linear Range (µA)
SNR (dB)
200
400
3.3
0.82
2.2
5.5
72.1
100
200
3.3
1.26
7.8
11.1
68.4
50
100
3.3
1.85
18.8
22.1
65
100
400
6.8
1.38
4.3
11.1
73.9
50
200
6.8
2.1
15.3
22.1
70.2
50
400
13.2
2.7
8.9
22.1
73.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com