Electronic Components Datasheet Search
  English  ▼

X  

ADPD1081 Datasheet(PDF) 22 Page - Analog Devices

Part # ADPD1081
Description  Photometric Front Ends
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD1081 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADPD1081 Datasheet HTML 18Page - Analog Devices ADPD1081 Datasheet HTML 19Page - Analog Devices ADPD1081 Datasheet HTML 20Page - Analog Devices ADPD1081 Datasheet HTML 21Page - Analog Devices ADPD1081 Datasheet HTML 22Page - Analog Devices ADPD1081 Datasheet HTML 23Page - Analog Devices ADPD1081 Datasheet HTML 24Page - Analog Devices ADPD1081 Datasheet HTML 25Page - Analog Devices ADPD1081 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 74 page
background image
ADPD1080/ADPD1081
Data Sheet
Rev. C | Page 22 of 74
WLCSP Input Configurations
Up to two photodiodes can be connected to the PD1 and PD5
input pins of the ADPD1080 and ADPD1081 WLCSP models.
The photodiode anodes are connected to the PD1 and PD5 input
pins; the photodiode cathodes are connected to the cathode pin,
PDC. The anodes are assigned in the configurations shown in
Figure 25 and Figure 26 based on the bit settings of Register 0x14.
See Table 17 for the time slot switch settings. It is important to
leave any unused inputs floating for proper operation of the
devices. The photodiode inputs are current inputs and, as such,
these pins are also considered voltage outputs. Tying these
inputs to a voltage saturates the analog block.
INPUT CONFIGURATION FOR
REGISTER 0x14[11:8] = 4
REGISTER 0x14[7:4] = 4
CH1
PD5
Figure 25. PD5 Connection with Register 0x14, Bits[11:8] and Bits[7:4] = 4 for
the WLCSP
INPUT CONFIGURATION FOR
REGISTER 0x14[11:8] = 5
REGISTER 0x14[7:4] = 5
CH1
PD1
Figure 26. PD1 Connection with Register 0x14, Bits[11:8] and Bits[7:4] = 5 for
the WLCSP
Table 17. Time Slot Switch (Register 0x14), ADPD1080/ADPD1081 WLCSP
Channel
Register, Bits, and Time Slot
Setting
1
2
3
4
Register 0x14, Bits[11:8] for Time Slot B and Bits[7:4] for Time Slot A
4
PD5
No connect
No connect
No connect
5
PD1
No connect
No connect
No connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com