Electronic Components Datasheet Search
  English  ▼

X  

ADPD1081 Datasheet(PDF) 17 Page - Analog Devices

Part # ADPD1081
Description  Photometric Front Ends
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD1081 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADPD1081 Datasheet HTML 13Page - Analog Devices ADPD1081 Datasheet HTML 14Page - Analog Devices ADPD1081 Datasheet HTML 15Page - Analog Devices ADPD1081 Datasheet HTML 16Page - Analog Devices ADPD1081 Datasheet HTML 17Page - Analog Devices ADPD1081 Datasheet HTML 18Page - Analog Devices ADPD1081 Datasheet HTML 19Page - Analog Devices ADPD1081 Datasheet HTML 20Page - Analog Devices ADPD1081 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 74 page
background image
Data Sheet
ADPD1080/ADPD1081
Rev. C | Page 17 of 74
TYPICAL PERFORMANCE CHARACTERISTICS
0
10
32
33
34
35
36
37
38
39
40
41
20
30
40
50
60
70
FREQUENCY (Hz)
Figure 9. 32 kHz Clock Frequency Distribution
(Default Settings, Before User Calibration: Register 0x4B = 0x2612)
0
10
20
30
40
50
60
32.0 32.5 33.0 33.5 34.0 34.5 35.0 35.5 36.0
FREQUENCY (Hz)
Figure 10. 32 MHz Clock Frequency Distribution
(Default Settings, Before User Calibration: Register 0x4D = 0x0098)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
50
100
150
200
TRANSIMPEDANCE AMPLIFIER GAIN (kΩ)
2µs PULSE
3µs PULSE
Figure 11. Referred to Input Noise vs. Transimpedance Amplifier Gain at
CPD = 70 pF
0
5
10
15
20
25
30
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4
LED DRIVER VOLTAGE (V)
LED COARSE SETTING = 0xF
LED COARSE SETTING = 0x0
Figure 12. LED Driver Current vs. LED Driver Voltage at
10% Drive Strength, Fine Setting at Default
0
50
100
150
200
250
300
350
400
0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2
LED DRIVER VOLTAGE (V)
LED COARSE SETTING = 0xF
LED COARSE SETTING = 0x0
Figure 13. LED Driver Current vs. LED Driver Voltage at 100% Drive Strength,
Fine Setting at Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com