Electronic Components Datasheet Search
  English  ▼

X  

ADPD1081 Datasheet(PDF) 64 Page - Analog Devices

Part # ADPD1081
Description  Photometric Front Ends
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD1081 Datasheet(HTML) 64 Page - Analog Devices

Back Button ADPD1081 Datasheet HTML 60Page - Analog Devices ADPD1081 Datasheet HTML 61Page - Analog Devices ADPD1081 Datasheet HTML 62Page - Analog Devices ADPD1081 Datasheet HTML 63Page - Analog Devices ADPD1081 Datasheet HTML 64Page - Analog Devices ADPD1081 Datasheet HTML 65Page - Analog Devices ADPD1081 Datasheet HTML 66Page - Analog Devices ADPD1081 Datasheet HTML 67Page - Analog Devices ADPD1081 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 74 page
background image
ADPD1080/ADPD1081
Data Sheet
Rev. C | Page 64 of 74
Address
Data Bit
Default
Value
Access
Name
Description
[1:0]
0x0
R/W
SLOTB_TIA_GAIN
Transimpedance amplifier gain for Time Slot B. When SLOTB_TIA_
IND_EN is enabled, this value is for Time Slot B, Channel 1 TIA gain.
When SLOTB_TIA_IND_EN is disabled, it is for all four Time Slot B
channel TIA gain settings.
0: 200 kΩ.
1: 100 kΩ.
2: 50 kΩ.
3: 25 kΩ.
0x45
[15:0]
0xADA5
R/W
SLOTB_AFE_CFG
AFE connection in Time Slot B.
0xADA5: analog full path mode (TIA_BPF_INT_ADC).
0xAE65: TIA ADC mode (must set Register 0x44, Bit 7 = 1 and
Register 0x58, Bit 7 = 1).
0xB065: TIA ADC mode (if Register 0x44, Bit 7 = 0).
Others: reserved.
FLOAT MODE REGISTERS
Table 41. Float Mode Registers
Address
Data Bit
Default
Value
Access
Name
Description
0x04
[15:8]
0x0
R
Reserved
Not applicable.
[7:4]
0x0
R
BG_STATUS_B
Status of comparison between background light level and
background threshold value for Time Slot B (BG_THRESH_B). A 1
in any bit location means the threshold has been crossed
BG_COUNT_B number of times. This register is cleared after it is read.
Bit 4: Time Slot B, Channel 1 exceeded threshold count.
Bit 5: Time Slot B, Channel 2 exceeded threshold count.
Bit 6: Time Slot B, Channel 3 exceeded threshold count.
Bit 7: Time Slot B, Channel 4 exceeded threshold count.
[3:0]
0x0
R
BG_STATUS_A
Status of comparison between background light level and
background threshold value for Time Slot A (BG_THRESH_A).
A 1 in any bit location means the threshold has been crossed
BG_COUNT_A number of times. This register is cleared once it is
read.
Bit 0: Time Slot A, Channel 1 exceeded threshold count.
Bit 1: Time Slot A, Channel 2 exceeded threshold count.
Bit 2: Time Slot A, Channel 3 exceeded threshold count.
Bit 3: Time Slot A, Channel 4 exceeded threshold count.
0x16
[15:14]
0x0
R/W
BG_COUNT_A
For Time Slot A, this is the number of times the ADC value
exceeds the BG_THRESH_A value during the float mode subtract
cycles before the BG_STATUS_A bit is set.
0: never set BG_STATUS_A.
1: set when BG_THRESH_A is exceeded 1 time.
2: set when BG_THRESH_A is exceeded 4 times.
3: set when BG_THRESH_A is exceeded 16 times.
[13:0]
0x0
R/W
BG_THRESH_A
The background threshold for Time Slot A that is compared
against the ADC result during the subtract cycles during float
mode. If the ADC result exceeds the value in this register,
BG_COUNT_A is incremented.
0x1C
[15:14]
0x0
R/W
BG_COUNT_B
For Time Slot B, this is the number of times the ADC value
exceeds the BG_THRESH_B value during the float mode subtract
cycles before the BG_STATUS_B bit is set.
0: never set BG_STATUS_B.
1: set when BG_THRESH_B is exceeded 1 time.
2: set when BG_THRESH_B is exceeded 4 times.
3: set when BG_THRESH_B is exceeded 16 times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com