Electronic Components Datasheet Search
  English  ▼

X  

ADPD1081 Datasheet(PDF) 27 Page - Analog Devices

Part # ADPD1081
Description  Photometric Front Ends
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD1081 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADPD1081 Datasheet HTML 23Page - Analog Devices ADPD1081 Datasheet HTML 24Page - Analog Devices ADPD1081 Datasheet HTML 25Page - Analog Devices ADPD1081 Datasheet HTML 26Page - Analog Devices ADPD1081 Datasheet HTML 27Page - Analog Devices ADPD1081 Datasheet HTML 28Page - Analog Devices ADPD1081 Datasheet HTML 29Page - Analog Devices ADPD1081 Datasheet HTML 30Page - Analog Devices ADPD1081 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 74 page
background image
Data Sheet
ADPD1080/ADPD1081
Rev. C | Page 27 of 74
AFE Integration Offset Starting Point
The starting point of the AFE integration offset, as expressed in
microseconds, is set such that the falling edge of the integration
window aligns with the falling edge of the LED.
LED_FALLING_EDGE = SLOTx_LED_OFFSET +
SLOTx_LED_WIDTH
and,
AFE_INTEGRATION_FALLING_EDGE = 9 +
SLOTx_AFE_OFFSET + SLOTx_AFE_WIDTH
If both falling edges are set equal to each other, solve for
SLOTx_AFE_OFFSET to obtain the following equation:
AFE_OFFSET_STARTING_POINT = SLOTx_LED_
OFFSET + SLOTx_LED_WIDTH − 9 – SLOTx_AFE_
WIDTH
Setting the AFE offset to any point in time earlier than the
starting point is equivalent to setting the integration in the
future; the AFE cannot integrate the result from an LED pulse
that has not yet occurred. As a result, a SLOTx_AFE_OFFSET
value less than the AFE_OFFSET_STARTING_POINT value is an
erroneous setting. Such a result may indicate that current in the
TIA is operating in the reverse direction from intended, where
the LED pulse is causing the current to leave the TIA rather
than enter it.
Because, for most setups, the SLOTx_AFE_WIDTH is 1 µs
wider than the SLOTx_LED_WIDTH, the AFE_OFFSET_
STARTING_POINT value is typically 10 µs less than the
SLOTx_LED_OFFSET value. Any value less than
SLOTx_LED_
OFFSET − 10 is erroneous. The optimal AFE offset is some
time after the AFE_OFFSET_STARTING_POINT value. The
BPF response, LED response, and photodiode response each
add some delay. In general, the component choice, board
layout, SLOTx_LED_OFFSET, and SLOTx_LED_WIDTH are
the variables that can change the SLOTx_AFE_OFFSET value.
After a specific design is set, the SLOTx_AFE_OFFSET value
can be locked down and does not need to be optimized further.
Sweeping the AFE Position
The AFE offsets for Time Slot A and Time Slot B are controlled
by Bits[10:0] of Register 0x39 and Register 0x3B, respectively.
Each LSB represents one cycle of the 32 MHz clock, or 31.25 ns.
The register can be thought of as 211 − 1 of these 31.25 ns steps,
or it can be broken into an AFE coarse setting using Bits[10:5]
to represent 1 µs steps and Bits[4:0] to represent 31.25 ns steps.
Sweeping the AFE position from the starting point to find a
local maximum is the recommended way to optimize the AFE
offset. The setup for this test is to allow the LED light to fall on
the photodiode in a static way. This test is typically done with a
reflecting surface at a fixed distance. The AFE position can then
be swept to look for changes in the output level. When
adjusting the AFE position, it is important to sweep the
position using the 31.25 ns steps. Typically, a local maximum is
found within 2 µs of the starting point for most systems. Figure
31 shows an example of an AFE sweep, where 0 on the x-axis
represents the AFE starting point defined previously. Each data
point in Figure 31 corresponds to one 31.25 ns step of the
SLOTx_AFE_OFFSET. The optimal location for
SLOTx_AFE_OFFSET in this example is 0.687 µs from the AFE
starting point.
0.687
100
95
90
85
80
75
AFE OFFSET FROM STARTING POINT (µs)
0
0.15 0.30 0.45 0.60 0.75 0.90 1.05 1.20 1.35 1.50
Figure 31. AFE Sweep Example
Table 18 lists some typical LED and AFE values after optimization.
In general, it is not recommended to use the
SLOTx_AFE_OFFSET numbers in Table 18 without first verifying
them against the AFE sweep method. Repeat this method for every
new LED width and with every new set of hardware made with
the ADPD1080/ ADPD1081. For maximum accuracy, it is
recommended that the 32 MHz clock be calibrated prior to
sweeping the AFE.
Table 18. AFE Window Settings
LED Register 0x30 or Register 0x35
AFE Register 0x39 or Register 0x3B
Comment
0x0219
0x1A08
2 µs LED pulse, 3 µs AFE width, 25 µs LED delay
0x0319
0x21FE
3 µs LED pulse, 4 µs AFE width, 25 µs LED delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com