Electronic Components Datasheet Search
  English  ▼

X  

ADPD1081 Datasheet(PDF) 41 Page - Analog Devices

Part # ADPD1081
Description  Photometric Front Ends
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD1081 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADPD1081 Datasheet HTML 37Page - Analog Devices ADPD1081 Datasheet HTML 38Page - Analog Devices ADPD1081 Datasheet HTML 39Page - Analog Devices ADPD1081 Datasheet HTML 40Page - Analog Devices ADPD1081 Datasheet HTML 41Page - Analog Devices ADPD1081 Datasheet HTML 42Page - Analog Devices ADPD1081 Datasheet HTML 43Page - Analog Devices ADPD1081 Datasheet HTML 44Page - Analog Devices ADPD1081 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 74 page
background image
Data Sheet
ADPD1080/ADPD1081
Rev. C | Page 41 of 74
Hex
Addr.
Data
Bit(s)
Bit Name
Description
0x58
[11:10]
FLT_MATH34_B
Time Slot B control for adding and subtracting Sample 3 and Sample 4 in a four-pulse sequence (or
any multiple of four pulses, for example, Sample 15 and Sample 16 in a 16-pulse sequence).
00: add third and fourth.
01: add third and subtract fourth.
10: subtract third and add fourth.
11: subtract third and fourth.
[9:8]
FLT_MATH34_A
Time Slot A control for adding and subtracting Sample 3 and Sample 4 in a four-pulse sequence
(or any multiple of four pulses, for example, Sample 15 and Sample 16 in a 16-pulse sequence).
00: add third and fourth.
01: add third and subtract fourth.
10: subtract third and add fourth.
11: subtract third and fourth.
[6:5]
FLT_MATH12_B
Time Slot B control for adding and subtracting Sample 1 and Sample 2 in a four-pulse sequence (or
any multiple of four pulses, for example, Sample 13 and Sample 14 in a 16-pulse sequence).
00: add first and second.
01: add first and subtract second.
10: subtract first and add second.
11: subtract first and second.
[2:1]
FLT_MATH12_A
Time Slot A control for adding and subtracting Sample 1 and Sample 2 in a four-pulse sequence
(or any multiple of four pulses, for example, Sample 13 and Sample 14 in a 16-pulse sequence).
00: add first and second.
01: add first and subtract second.
10: subtract first and add second.
11: subtract first and second.
OPTIMIZING POWER BY DISABLING UNUSED
CHANNELS AND AMPLIFIERS
Single-Channel AFE Mode
When using a single photodiode in an application, with that
photodiode connected to a single AFE channel (either Channel 1
or Channel 2), the ADPD1080/ADPD1081 have an option to
power down the unused channels, placing the device in single
AFE channel mode. Because three of the four AFE channels are
off in this mode, the power consumption is reduced considerably.
When only Channel 1 is used, disable Channel 2, Channel 3,
and Channel 4 by writing 0x7 to Register 0x3C, Bits[8:6]. If
only Channel 2 is used, disable Channel 1 by writing 0x7 to
Register 0x3C, Bits[5:3], and disable Channel 3 and Channel 4
by writing 0x7 to Register 0x37, Bits[15:13].
Dual-Channel AFE Mode
In situations where two of the four channels are in use, the
other two channels can be disabled. Enable Channel 1 and
Channel 2 (with Channel 3 and Channel 4 disabled) by writing
0x7 to Register 0x37, Bits[15:13]. Operate Channel 3 and Channel
4 in dual channel mode (with Channel 1 and Channel 2
disabled) by writing 0x7 to both Register 0x3C, Bits[5:3] and
Register 0x37, Bits[12:10].
Three-channel mode can also be achieved with the appropriate
settings. See Table 26 for the settings required to power down
different combinations of channels. Refer to the Time Slot
Switch section to determine the different combinations of the
PDx inputs and enabled channels required to optimize the
system configuration for maximum SNR and lowest power.
Powering Down Individual Amplifiers for Additional
Power Savings
Each channel includes a TIA, a BPF, and an integrator which
can also be configured as a buffer (see Figure 47).Options are
built into the devices to power down individual amplifiers in the
signal path. For example, in TIA ADC mode, the BPF is bypassed
but left powered up by default. The BPF can be disabled
completely, which saves 1/3 of the power dissipated by the AFE
during the sampling phase. See the descriptions for Register 0x3C
and Register 0x37 in Table 38 for information on how to disable
the individual amplifiers.
TIA
VBIAS
BPF
±1 INTEGRATOR
Figure 47. TIA/BPF/Integrator Block Diagram
It is important to leave any unused input channels floating for
proper device operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com