Electronic Components Datasheet Search
  English  ▼

X  

ADPD1081 Datasheet(PDF) 33 Page - Analog Devices

Part # ADPD1081
Description  Photometric Front Ends
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD1081 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADPD1081 Datasheet HTML 29Page - Analog Devices ADPD1081 Datasheet HTML 30Page - Analog Devices ADPD1081 Datasheet HTML 31Page - Analog Devices ADPD1081 Datasheet HTML 32Page - Analog Devices ADPD1081 Datasheet HTML 33Page - Analog Devices ADPD1081 Datasheet HTML 34Page - Analog Devices ADPD1081 Datasheet HTML 35Page - Analog Devices ADPD1081 Datasheet HTML 36Page - Analog Devices ADPD1081 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 74 page
background image
Data Sheet
ADPD1080/ADPD1081
Rev. C | Page 33 of 74
DETERMINING THE AVERAGE CURRENT
The ADPD1080/ADPD1081 drive an LED in a series of short
pulses. Figure 41 shows the typical ADPD1080/ADPD1081
configuration of an LED pulse burst sequence.
ILED_MAX
3µs
19µs
Figure 41. Typical LED Pulse Burst Sequence Configuration
In this example, the LED pulse width, tLED_PULSE, is 3 µs, and the
LED pulse period, tLED_PERIOD, is 19 µs. The LED being driven is a
pair of green LEDs driven to a 250 mA peak. The goal of CVLED
is to buffer the LED between individual pulses. In the worst
case scenario, where the pulse train shown in Figure 41 is a
continuous sequence of short pulses, the VLEDx supply must
supply the average current. Therefore, calculate ILED_AVERAGE as
follows:
ILED_AVERAGE = (tLED_PULSE/tLED_PERIOD) × ILED_MAX
(1)
where:
ILED_AVERAGE is the average current needed from the VLEDx supply
during the pulse period, and it is also the VLEDx supply current
rating.
ILED_MAX is the peak current setting of the LED.
For the values shown in Equation 1, ILED_AVERAGE = 3/19 ×
ILED_MAX. For typical LED timing, the average VLEDx supply
current is 3/19 × 250 mA = 39.4 mA, indicating that the VLEDx
supply must support a dc current of 40 mA.
DETERMINING CVLED
To determine the CVLED capacitor value, determine the
maximum forward-biased voltage, VFB_LED_MAX, of the LED in
operation. The LED current, ILED_MAX, converts to VFB_LED_MAX as
shown in Figure 42. In this example, 250 mA of current through
two green LEDs in parallel yields VFB_LED_MAX = 3.95 V. Any
series resistance in the LED path must also be included in this
voltage. When designing the LED path, keep in mind that small
resistances can add up to large voltage drops due to the LED
peak current being large. In addition, these resistances can be
unnecessary constraints on the VLEDx supply.
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
LED DRIVER CURRENT SETTING (mA)
TWO 528nm LEDs
ONE 850nm LED
Figure 42. Example of the Average LED Forward-Bias Voltage Drop as a
Function of the LED Driver Current Setting
To correctly size the CVLED capacitor, do not deplete it during
the pulse of the LED to the point where the voltage on the
capacitor is less than the forward bias on the LED. Calculate the
minimum value for the VLEDx bypass capacitor by
(
)6
.
0
+
−
×
=
FB_LED_MAX
LED_MIN
LED_MAX
LED_PULSE
VLED
V
V
I
t
C
(2)
where:
tLED_PULSE is the LED pulse width.
ILED_MAX is the maximum forward-biased current on the LED
used in operating the devices.
VLED_MIN is the lowest voltage from the VLEDx supply with no load.
VFB_LED_MAX is the maximum forward-biased voltage required on
the LED to achieve ILED_MAX.
The numerator of the CVLED equation sets up the total discharge
amount in coulombs from the bypass capacitor to satisfy a
single programmed LED pulse of the maximum current. The
denominator represents the difference between the lowest
voltage from the VLEDx supply and the LED required voltage.
The LED required voltage is the voltage of the anode of the
LED such that the compliance of the LED driver and the
forward-biased voltage of the LED operating at the maximum
current is satisfied. At a 250 mA drive current, the compliance
voltage of the driver is 0.6 V. For a typical ADPD1080 example,
assume that the lowest value for the VLEDx supply is 4.75 V and
that the peak current is 250 mA for two 528 nm LEDs in
parallel. The minimum value for CVLED is then equal to 3.75 µF.
CVLED = (3 × 10−6 × 0.250)/(4.75 – (3.95 + 0.6)) = 3.75 µF (3)
As shown in Equation 3, as the minimum supply voltage drops
close to the maximum anode voltage, the demands on CVLED
become more stringent, forcing the capacitor value higher. It is
important to insert the correct values into Equation 1, Equation 2,
and Equation 3. For example, using an average value for
VLED_MIN instead of the worst case value for VLED_MIN can cause a
serious design deficiency, resulting in a CVLED value that is too small
and that causes insufficient optical power in the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com