Electronic Components Datasheet Search
  English  ▼

X  

ADF4372 Datasheet(PDF) 30 Page - Analog Devices

Part # ADF4372
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4372 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADF4372 Datasheet HTML 26Page - Analog Devices ADF4372 Datasheet HTML 27Page - Analog Devices ADF4372 Datasheet HTML 28Page - Analog Devices ADF4372 Datasheet HTML 29Page - Analog Devices ADF4372 Datasheet HTML 30Page - Analog Devices ADF4372 Datasheet HTML 31Page - Analog Devices ADF4372 Datasheet HTML 32Page - Analog Devices ADF4372 Datasheet HTML 33Page - Analog Devices ADF4372 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
ADF4372
Data Sheet
Rev. 0 | Page 30 of 47
Address: 0x1A, Default: 0x03, Name: REG001A
14-Bit MOD2 Value.
Phas e Adjus t Enable.
0
1
1
1
2
0
3
0
4
0
5
0
6
0
7
0
[7] RESERVED
[5:0] MOD2WORD[13:8] (R/W)
[6] PHASE_ADJ (R/W)
Table 24. Bit Descriptions for REG001A
Bit(s)
Bit Name
Description
Default
Access
7
RESERVED
Reserved.
0x0
R
6
PHASE_ADJ
Phase Adjust Enable. Set to 1 to enable phase adjust. Phase adjust increases the phase
of the output relative to the current phase.
0x0
R/W
0: phase adjust disabled.
1: phase adjust enabled.
[5:0]
MOD2WORD[13:8]
14-Bit MOD2 Value. Sets the MOD2 value.
0x3
R/W
Address: 0x1B, Default: 0x00, Name: REG001B
24-Bit Phas e Value.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] PHASE_WORD[7:0] (R/W)
Table 25. Bit Descriptions for REG001B
Bit(s)
Bit Name
Description
Default
Access
[7:0]
PHASE_WORD[7:0]
24-Bit Phase Value. Sets the phase word for phase adjust. If phase adjust is not used, set
phase value to 0. The phase of the RF output frequency can be adjusted in 24-bit steps.
Phase step = phase word ÷ 16,777,216 × 360.
0x0
R/W
Address: 0x1C, Default: 0x00, Name: REG001C
24-Bit Phas e Value.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] PHASE_WORD[15:8] (R/W)
Table 26. Bit Descriptions for REG001C
Bit(s)
Bit Name
Description
Default
Access
[7:0]
PHASE_WORD[15:8]
24-Bit Phase Value. Sets the phase word for phase adjust. If phase adjust is not used,
set phase value to 0. The phase of the RF output frequency can be adjusted in 24-bit
steps. Phase step = phase word ÷ 16,777,216 × 360°.
0x0
R/W
Address: 0x1D, Default: 0x00, Name: REG001D
24-Bit Phas e Value.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] PHASE_WORD[23:16] (R/W)
Table 27. Bit Descriptions for REG001D
Bit(s)
Bit Name
Description
Default
Access
[7:0]
PHASE_WORD[23:16]
24-Bit Phase Value. Sets the phase word for phase adjust. If phase adjust is not used,
set phase value to 0. The phase of the RF output frequency can be adjusted in 24-bit
steps. Phase step = phase word ÷ 16,777,216 × 360°.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com