Electronic Components Datasheet Search
  English  ▼

X  

ADF4372 Datasheet(PDF) 34 Page - Analog Devices

Part # ADF4372
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4372 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADF4372 Datasheet HTML 30Page - Analog Devices ADF4372 Datasheet HTML 31Page - Analog Devices ADF4372 Datasheet HTML 32Page - Analog Devices ADF4372 Datasheet HTML 33Page - Analog Devices ADF4372 Datasheet HTML 34Page - Analog Devices ADF4372 Datasheet HTML 35Page - Analog Devices ADF4372 Datasheet HTML 36Page - Analog Devices ADF4372 Datasheet HTML 37Page - Analog Devices ADF4372 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 47 page
background image
ADF4372
Data Sheet
Rev. 0 | Page 34 of 47
Address: 0x24, Default: 0x80, Name: REG0024
Feedback.
Divis ion Selection.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
1
[7] FB_SEL (R/W)
[3:0] RESERVED
[6:4] DIV_SEL (R/W)
Table 33. Bit Descriptions for REG0024
Bit(s)
Bit Name
Description
Default
Access
7
FB_SEL
Feedback.
0x1
R/W
0: divider feedback to N counter.
1: fundamental feedback to N counter.
[6:4]
DIV_SEL
Division Selection.
0x0
R/W
0: divide 1.
1: divide 2.
10: divide 4.
11: divide 8.
100: divide 16.
101: divide 32.
110: divide 64.
111: reserved.
[3:0]
RESERVED
Reserved.
0x0
R
Address: 0x25, Default: 0x07, Name: REG0025
Mute to Lock Detect.
Select Output Power Level.
RFOUT Enable.
Select if DIV_SEL is Double Buffered.
Doubler Path Enable.
Not Us ed.
0
1
1
1
2
1
3
0
4
0
5
0
6
0
7
0
[7] MUTE_LD (R/W)
[1:0] RF_OUT_POWER (R/W)
[6] RESERVED
[2] RF_EN (R/W)
[5] RF_DIVSEL_DB (R/W)
[3] X2_EN (R/W)
[4] X4_EN (R/W)
Table 34. Bit Descriptions for REG0025
Bit(s)
Bit Name
Description
Default
Access
7
MUTE_LD
Mute to Lock Detect.
0x0
R/W
0: mute to lock detect disabled.
1: mute to lock detect enabled, RF output stage gated by digital lock detect asserting
logic high.
6
RESERVED
Reserved.
0x0
R
5
RF_DIVSEL_DB
Select if DIV_SEL is Double Buffered.
0x0
R/W
4
X4_EN
Not Used.
0x0
R/W
3
X2_EN
Doubler Path Enable.
0x0
R/W
0: RF doubler off.
1: RF doubler on.
2
RF_EN
RF
OUT Enable.
0x1
R/W
0: RF
OUT disabled.
1: RF
OUT enabled.
[1:0]
RF_OUT_POWER
Select Output Power Level.
0x3
R/W
0: −4 dBm.
1: −1 dBm.
10: 2 dBm.
11: 5 dBm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com