Electronic Components Datasheet Search
  English  ▼

X  

ADF4372 Datasheet(PDF) 16 Page - Analog Devices

Part # ADF4372
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4372 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADF4372 Datasheet HTML 12Page - Analog Devices ADF4372 Datasheet HTML 13Page - Analog Devices ADF4372 Datasheet HTML 14Page - Analog Devices ADF4372 Datasheet HTML 15Page - Analog Devices ADF4372 Datasheet HTML 16Page - Analog Devices ADF4372 Datasheet HTML 17Page - Analog Devices ADF4372 Datasheet HTML 18Page - Analog Devices ADF4372 Datasheet HTML 19Page - Analog Devices ADF4372 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
ADF4372
Data Sheet
Rev. 0 | Page 16 of 47
105
85
95
75
65
55
45
35
–96
–87
–100
–102
–104
–106
–108
–110
–6
12
8
10
6
4
2
0
–2
–4
REFERENCE POWER (dBm)
PHASE NOISE AT 1kHz
1kHz TO 100MHz
12kHz TO 20MHz
PHASE NOISE AT 10kHz
Figure 28. Jitter and Phase Noise, fPFD =100MHz
REFERENCE DOUBLER AND REFERENCE DIVIDER
The on-chip reference doubler allows the input reference signal
to be doubled. The doubler is useful for increasing the PFD
comparison frequency. To improve the noise performance of
the system, increase the PFD frequency. Doubling the PFD
frequency typically improves noise performance by 3 dB.
The reference divide by 2 divides the reference signal by 2,
resulting in a 50% duty cycle PFD frequency.
SPURIOUS OPTIMIZATION AND FAST LOCK
Narrow loop bandwidths can filter unwanted spurious signals.
However, these bandwidths typically have a long lock time. A
wider loop bandwidth achieves faster lock times, but can lead
to increased spurious signals inside the loop bandwidth.
OPTIMIZING JITTER
For lowest jitter applications, use the highest possible PFD
frequency to minimize the contribution of inband noise from the
PLL. Set the PLL filter bandwidth such that the inband noise of the
PLL intersects with the open-loop noise of the VCO, minimizing
the contribution of both to the overall noise.
Use the ADIsimPLL design tool for this task.
Additional Optimization on Loop Filter
The PLL filter is designed to find an optimum bandwidth for
the reference, PFD, and VCO noise, depending on the system
requirements. In addition to this design, when the Σ-Δ modulator
(SDM) is enabled, further optimization may be necessary to filter
SDM noise.
Reducing Σ-Δ Modulator Noise
In fractional mode, SDM noise becomes apparent and starts
to contribute to overall phase noise. This noise can be reduced
to insignificant levels by using a series resistor between the
CPOUT pin and the loop filter. Place this resistor close to the
CPOUT pin. A reasonable resistor value does not affect the loop
bandwidth and phase margin of the designed loop filter. In most
cases, 91 Ω gives the best results. This resistor is not required in
integer mode (SDM not enabled) or when a narrow-band loop
filter is used (SDM noise attenuated).
SPUR MECHANISMS
This section describes the two different spur mechanisms that
arise with a fractional-N synthesizer and how to minimize them
in the ADF4372.
Integer Boundary Spurs
One mechanism for fractional spur creation is the interactions
between the RF VCO frequency and the reference frequency.
When these frequencies are not integer related (which is the
purpose of a fractional-N synthesizer), spur sidebands appear on
the VCO output spectrum at an offset frequency that corresponds
to the beat note or the difference in frequency between an integer
multiple of the reference and the VCO frequency. These spurs
are attenuated by the loop filter and are more noticeable on
channels close to integer multiples of the reference where
the difference frequency can be inside the loop bandwidth.
Reference Spurs
Reference spurs are generally not a problem in fractional-N
synthesizers because the reference offset is far outside the loop
bandwidth. However, any reference feedthrough mechanism
that bypasses the loop can cause a problem. Feedthrough of low
levels of on-chip reference switching noise through the prescaler
back to the VCO can result in reference spur levels as high as
−100 dBc.
LOCK TIME
The PLL lock time divides into a number of settings. The total lock
time for changing frequencies is the sum of the four separate times:
synthesizer lock, VCO band selection, automatic level calibration
(ALC), and PLL settling time.
Synthesizer Lock
The synthesizer lock timeout ensures that the VCO calibration
DAC, which forces the VCO tune voltage (VTUNE), has settled
to a steady value for the band select circuitry. The SYNTH_LOCK_
TIMEOUT bit and the TIMEOUT bits select the length of time
the DAC is allowed to settle to the final voltage before the VCO
calibration process continues to the next phase (VCO band
selection).
The PFD frequency is the clock for this logic, and the duration
is set using the following equation:
_
_
1024
PFD
SYNTH LOCK TIMEEOUT
TIMEOUT
f
×+
(13)
where:
SYNTH_LOCK_TIMEOUT is programmed in Address 0x33.
TIMEOUT is programmed in Address 0x31 and Address 0x32.
The calculated time must be greater than or equal to 20 µs.
For the SYNTH_LOCK_TIMEOUT bit, the minimum value is
2 and the maximum value is 31. For the TIMEOUT bits, the
minimum value is 2 and the maximum value is 1023.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com