Electronic Components Datasheet Search
  English  ▼

X  

ADF4372 Datasheet(PDF) 41 Page - Analog Devices

Part # ADF4372
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4372 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADF4372 Datasheet HTML 37Page - Analog Devices ADF4372 Datasheet HTML 38Page - Analog Devices ADF4372 Datasheet HTML 39Page - Analog Devices ADF4372 Datasheet HTML 40Page - Analog Devices ADF4372 Datasheet HTML 41Page - Analog Devices ADF4372 Datasheet HTML 42Page - Analog Devices ADF4372 Datasheet HTML 43Page - Analog Devices ADF4372 Datasheet HTML 44Page - Analog Devices ADF4372 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 47 page
background image
Data Sheet
ADF4372
Rev. 0 | Page 41 of 47
Address: 0x35, Default: 0x4C, Name: REG0035
ADC Clock Divider.
0
0
1
0
2
1
3
1
4
0
5
0
6
1
7
0
[7:0] ADC_CLK_DIVIDER (R/W)
Table 49. Bit Descriptions for REG0035
Bit(s)
Bit Name
Description
Default
Access
[7:0]
ADC_CLK_DIVIDER
ADC Clock Divider. ADC_CLK = f
PFD/((ADC_CLK_DIV × 4) + 2).
0x4C
R/W
Address: 0x36, Default: 0x30, Name: REG0036
Res erved.
0
0
1
0
2
0
3
0
4
1
5
1
6
0
7
0
[7:0] ICP_ADJUST_OFFSET (R/W)
Table 50. Bit Descriptions for REG0036
Bit(s)
Bit Name
Description
Default
Access
[7:0]
ICP_ADJUST_OFFSET
Reserved.
0x30
R/W
Address: 0x37, Default: 0x00, Name: REG0037
Selects Band in Core when Tes t Mode
is Enabled.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] SI_BAND_SEL (R/W)
Table 51. Bit Descriptions for REG0037
Bit(s)
Bit Name
Description
Default
Access
[7:0]
SI_BAND_SEL
Selects Band in Core when Test Mode is Enabled.
0x0
R/W
Address: 0x38, Default: 0x00, Name: REG0038
Selects Core when Tes t Mode is
Enabled.
Sets VCO Bias when Tes t Mode is
Enabled.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:4] SI_VCO_SEL (R/W)
[3:0] SI_VCO_BIAS_CODE (R/W)
Table 52. Bit Descriptions for REG0038
Bit(s)
Bit Name
Description
Default
Access
[7:4]
SI_VCO_SEL
Selects Core when Test Mode is Enabled.
0x0
R/W
0: all cores off.
1: VCO Core D.
10: VCO Core C.
100: VCO Core B.
1000: VCO Core A.
[3:0]
SI_VCO_BIAS_CODE
Sets VCO Bias when Test Mode is Enabled.
0x0
R/W
0000: maximum VCO bias (approximately 3.2 V).
1111: minimum VCO bias (approximately 1.8 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com