Electronic Components Datasheet Search
  English  ▼

X  

ADF4372 Datasheet(PDF) 6 Page - Analog Devices

Part # ADF4372
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4372 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADF4372 Datasheet HTML 2Page - Analog Devices ADF4372 Datasheet HTML 3Page - Analog Devices ADF4372 Datasheet HTML 4Page - Analog Devices ADF4372 Datasheet HTML 5Page - Analog Devices ADF4372 Datasheet HTML 6Page - Analog Devices ADF4372 Datasheet HTML 7Page - Analog Devices ADF4372 Datasheet HTML 8Page - Analog Devices ADF4372 Datasheet HTML 9Page - Analog Devices ADF4372 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
ADF4372
Data Sheet
Rev. 0 | Page 6 of 47
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY LOCK TIME7
Lock Time with Automatic Calibration
3
ms
Lock Time with Automatic Calibration
Bypassed
30
µs
1 T
A = 25°C, AVDD = 3.3 V, VCC_VCO = 5.0 V, prescaler = 4/5, reference frequency (fREFP) = 50 MHz, fPFD = 50 MHz, and RF frequency (fRF) = 5001 MHz. RF8x enabled. All RF
outputs are disabled.
2 Guaranteed by design and characterization.
3 RF output power using the EV-ADF4372SD2Z differential outputs combined using a Marki BAL-0036 balun, and measured by a spectrum analyzer with the evaluation
board and cable losses de-embedded. Highest power output selected for RF8P, RF8N, RFAUX8P, and RFAUX8N.
4 Use this value to calculate the phase noise for any application. To calculate inband phase noise performance as seen at the VCO output, use the following formula: −233 +
10log(fPFD) + 20logN. The result is the lowest noise mode for the fractional channel.
5 Use this value to calculate the phase noise for any application. To calculate inband phase noise performance as seen at the VCO output, use the following formula: −234 +
10log(fPFD) + 20logN. The result is the lowest noise mode for the integer channel.
6 The PLL phase noise is composed of 1/f (flicker) noise plus the normalized PLL noise floor. The formula for calculating the 1/f noise contribution at a radio frequency
(fRF) and at a frequency offset (fOFFSET) is given by PN1_f + 10log(10 kHz/fOFFSET) + 20log(fRF/1 GHz). Both the normalized phase noise floor and flicker noise are modeled in
the ADIsimPLL design tool.
7 Lock time is measured for 100 MHz jump with standard evaluation board configuration.
TIMING SPECIFICATIONS
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
Serial Port Interface (SPI) Timing
See Figure 2, Figure 3, and Figure 4
SCLK Frequency
f
SCLK
50
MHz
SCLK Period
t
SCLK
20
ns
SCLK Pulse Width High
t
HIGH
10
ns
SCLK Pulse Width Low
t
LOW
10
ns
SDIO Setup Time
t
DS
2
ns
SDIO Hold Time
t
DH
2
ns
SCLK Falling Edge to SDIO Valid Propagation
Delay
t
ACCESS
10
ns
CS Rising Edge to SDIO High-Z
t
Z
10
ns
CS Fall to SCLK Rise Setup Time
t
S
2
ns
SCLK Rise to CS Rise Hold Time
t
H
2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com