Electronic Components Datasheet Search
  English  ▼

X  

ADF4372 Datasheet(PDF) 8 Page - Analog Devices

Part # ADF4372
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4372 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADF4372 Datasheet HTML 4Page - Analog Devices ADF4372 Datasheet HTML 5Page - Analog Devices ADF4372 Datasheet HTML 6Page - Analog Devices ADF4372 Datasheet HTML 7Page - Analog Devices ADF4372 Datasheet HTML 8Page - Analog Devices ADF4372 Datasheet HTML 9Page - Analog Devices ADF4372 Datasheet HTML 10Page - Analog Devices ADF4372 Datasheet HTML 11Page - Analog Devices ADF4372 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
ADF4372
Data Sheet
Rev. 0 | Page 8 of 47
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
AV
DD Rails to GND
1
−0.3 V to +3.6 V
AV
DD Rails to Each Other
−0.3 V to +0.3 V
VCC_VCO to GND1
−0.3 V to +5.5 V
VCC_VCO to AV
DD
−0.3 V to AV
DD + 2.8 V
CPOUT to GND1
−0.3 V to AV
DD + 0.3 V
VTUNE to GND
−0.3 V to AV
DD + 0.3 V
Digital Input and Output Voltage to
GND1
−0.3 V to AV
DD + 0.3 V
Analog Input and Output Voltage to
GND1
−0.3 V to AV
DD + 0.3 V
REFP and REFN to GND1
−0.3 V to AV
DD + 0.3 V
REFP to REFN
±2.1 V
Temperature
Operating Range
−40°C to +105°C
Storage Range
−65°C to +125°C
Maximum Junction
125 °C
Reflow Soldering
Peak
260°C
Time at Peak
30 sec
Electrostatic Discharge (ESD)
Charged Device Model
1.0 kV
Human Body Model
4.0 kV
Transistor Count
Complementary Metal-Oxide
Semiconductor (CMOS)
131,439
Bipolar
4063
1 GND = 0 V.
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress rating
only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum
operating conditions for extended periods may affect product
reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Close attention to
PCB thermal design is required.
θJA is the natural convection, junction to ambient thermal resistance
measured in a one cubic foot sealed enclosure. θJC is the junction to
case thermal resistance.
Table 4. Thermal Resistance
Package Type
θ
JA
θ
JC
Unit
CC-48-41
25
14.4
°C/W
1 Test Condition 1: thermal impedance simulated values are based on JESD51
standard.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com