Electronic Components Datasheet Search
  English  ▼

X  

ADF4372 Datasheet(PDF) 22 Page - Analog Devices

Part # ADF4372
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4372 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADF4372 Datasheet HTML 18Page - Analog Devices ADF4372 Datasheet HTML 19Page - Analog Devices ADF4372 Datasheet HTML 20Page - Analog Devices ADF4372 Datasheet HTML 21Page - Analog Devices ADF4372 Datasheet HTML 22Page - Analog Devices ADF4372 Datasheet HTML 23Page - Analog Devices ADF4372 Datasheet HTML 24Page - Analog Devices ADF4372 Datasheet HTML 25Page - Analog Devices ADF4372 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
ADF4372
Data Sheet
Rev. 0 | Page 22 of 47
DEVICE SETUP
The recommended sequence of steps to set up the ADF4372 are
as follows:
1. Set up the SPI interface.
2. Perform the initialization sequence.
3. Perform the frequency update sequence.
STEP 1: SET UP THE SPI INTERFACE
First, initialize the SPI. Write the values in Table 7 to Address 0x00
and Address 0x01.
Table 7. SPI Interface Setup
Address
Setting
Notes
0x00
0x18
4-wire SPI
0x01
0x00
Stalling, master readback control
STEP 2: INITIALIZATION SEQUENCE
Write to each register in reverse order from Address 0x7C to
Address 0x10. Choosing appropriate values to generate the desired
frequency. The registers that are not given in the datasheet can
be skipped in normal SPI mode. If SPI stream mode is used, write
0x00 to the registers not listed in the Register Summary section.
The frequency update sequence follows to generate the desired
output frequency.
STEP 3: FREQUENCY UPDATE SEQUENCE
Frequency updates require updating MOD2, FRAC1, FRAC2,
and INT. Therefore, the update sequence must be as follows:
1. Address 0x1A (new MOD2WORD[13:8])
2. Address 0x19 (new MOD2WORD[7:0])
3. Address 0x18 (new FRAC2WORD[13:7])
4. Address 0x17 (new FRAC2WORD[6:0])
5. Address 0x16 (new FRAC1WORD[23:16])
6. Address 0x15 (new FRAC1WORD[15:8])
7. Address 0x14 (new FRAC1WORD[7:0])
8. Address 0x11 (new BIT_INTEGER_WORD[15:8])
9. Address 0x10 (new BIT_INTEGER_WORD[7:0])
The frequency change occurs on the write to Address 0x10.
The unchanged registers do not need to be updated. For
example, for an integer-N PLL configuration (fractional parts are
not used), skip Step 1 to Step 7. In this case, the only required
updates are Address 0x11 and Address 0x10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com