Electronic Components Datasheet Search
  English  ▼

X  

ADF4372 Datasheet(PDF) 31 Page - Analog Devices

Part # ADF4372
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4372 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADF4372 Datasheet HTML 27Page - Analog Devices ADF4372 Datasheet HTML 28Page - Analog Devices ADF4372 Datasheet HTML 29Page - Analog Devices ADF4372 Datasheet HTML 30Page - Analog Devices ADF4372 Datasheet HTML 31Page - Analog Devices ADF4372 Datasheet HTML 32Page - Analog Devices ADF4372 Datasheet HTML 33Page - Analog Devices ADF4372 Datasheet HTML 34Page - Analog Devices ADF4372 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
Data Sheet
ADF4372
Rev. 0 | Page 31 of 47
Address: 0x1E, Default: 0x48, Name: REG001E
Charge Pum p Current Setting.
Counter Res et.
Phas e Detector Polarity.
Power-Down.
0
0
1
0
2
0
3
1
4
0
5
0
6
1
7
0
[7:4] CP_CURRENT (R/W)
[0] CNTR_RESET (R/W)
[3] PD_POL (R/W)
[1] RESERVED
[2] PD (R/W)
Table 28. Bit Descriptions for REG001E
Bit(s)
Bit Name
Description
Default
Access
[7:4]
CP_CURRENT
Charge Pump Current Setting. Sets the charge pump current. Set these bits to the charge
pump current that the loop filter is designed for.
0x4
R/W
0: 0.35 mA.
1: 0.70 mA.
10: 1.05 mA.
11: 1.4 mA.
100: 1.75 mA.
101: 2.8 mA.
110: 2.45 mA.
111: 2.8 mA.
1000: 3.15 mA.
1001: 3.5 mA.
1010: 3.85 mA.
1011: 4.2 mA.
1100: 4.55 mA.
1101: 4.9 mA.
1110: 5.25 mA.
1111: 5.6 mA.
3
PD_POL
Phase Detector Polarity. If using a noninverting loop filter and a VCO with positive tuning
slope, set phase detector polarity to positive. If using an inverting loop filter and a VCO with a
negative tuning slope, set phase detector polarity to positive. If using a noninverting loop
filter and a VCO with a negative tuning slope, set phase detector polarity to negative. If using
an inverting loop filter and a VCO with a positive tuning slope, set phase detector polarity to
negative.
0x1
R/W
0: negative phase detector polarity.
1: positive phase detector polarity.
2
PD
Power-Down. Setting to 1 powers down all internal PLL blocks of the ADF4372. The VCO and
multipliers remain powered up. The registers do not lose their values. After bringing the
ADF4372 out of power-down (setting to 0) a write to Address 0x10 is required to relock the
loop.
0x0
R/W
0: normal operation.
1: power-down.
1
RESERVED
Reserved.
0x0
R
0
CNTR_RESET
Counter Reset. Setting to 1 holds the N divider and R counter in reset. There are no signals
entering the PFD.
0x0
R/W
0: normal operation.
1: counter reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com