Electronic Components Datasheet Search
  English  ▼

X  

ADF4372 Datasheet(PDF) 25 Page - Analog Devices

Part # ADF4372
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4372 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADF4372 Datasheet HTML 21Page - Analog Devices ADF4372 Datasheet HTML 22Page - Analog Devices ADF4372 Datasheet HTML 23Page - Analog Devices ADF4372 Datasheet HTML 24Page - Analog Devices ADF4372 Datasheet HTML 25Page - Analog Devices ADF4372 Datasheet HTML 26Page - Analog Devices ADF4372 Datasheet HTML 27Page - Analog Devices ADF4372 Datasheet HTML 28Page - Analog Devices ADF4372 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
Data Sheet
ADF4372
Rev. 0 | Page 25 of 47
Reg
Addr.
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
R/W
0x3F
[7:0]
CLK1_DIV[7:0]
0x80
R/W
0x40
[7:0]
RESERVED
TRM_IB_VCO_BUF
CLK1_DIV[11:8]
0x50
R/W
0x41
[7:0]
CLK2_DIVIDER_1[7:0]
0x28
R/W
0x47
[7:0]
TRM_RESD_VCO_MUX
RESERVED
0xC0
R/W
0x52
[7:0]
TRM_RESD_VCO_BUF
TRM_RESCI_VCO_BUF
RESERVED
0xF4
R/W
0x6E
[7:0]
VCO_DATA_READBACK[7:0]
0x00
R
0x6F
[7:0]
VCO_DATA_READBACK[15:8]
0x00
R
0x70
[7:0]
BAND_SEL_X2
RESERVED
BIAS_SEL_X2
0x03
R/W
0x71
[7:0]
BAND_SEL_X4
RESERVED
BIAS_SEL_X4
0x60
R/W
0x72
[7:0]
RESERVED
AUX_FREQ_
SEL
POUT_AUX
PDB_AUX
RESERVED
COUPLED_
VCO
RESERVED
0x32
R/W
0x73
[7:0]
RESERVED
ADC_CLK_
DISABLE
PD_NDIV
LD_DIV
0x00
R/W
0x7C
[7:0]
RESERVED
LOCK_DETECT
_READBACK
0x00
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com