Electronic Components Datasheet Search
  English  ▼

X  

ADF4372 Datasheet(PDF) 12 Page - Analog Devices

Part # ADF4372
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4372 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADF4372 Datasheet HTML 8Page - Analog Devices ADF4372 Datasheet HTML 9Page - Analog Devices ADF4372 Datasheet HTML 10Page - Analog Devices ADF4372 Datasheet HTML 11Page - Analog Devices ADF4372 Datasheet HTML 12Page - Analog Devices ADF4372 Datasheet HTML 13Page - Analog Devices ADF4372 Datasheet HTML 14Page - Analog Devices ADF4372 Datasheet HTML 15Page - Analog Devices ADF4372 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
ADF4372
Data Sheet
Rev. 0 | Page 12 of 47
20
15
10
5
0
–5
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
0.5
1.5
2.5
3.5
4.5
5.5
6.5
7.5
8.5
FREQUENCY (GHz)
RAW MEASUREMENT
DE-EMBEDDED MEASUREMENT
Figure 13. RF8P and RF8N Output Power, De-Embedded Board and Cable
Measurement, Combined Using Balun (7.4 nH Inductors, 10 pF AC Coupling
Capacitors Limit Power at Low Frequencies)
–70
–80
–90
–100
–75
–85
–95
–105
–110
3.5
4.0
5.0
6.0
7.0
8.0
4.5
5.5
6.5
7.5
8.5
CARRIER FREQUENCY (GHz)
PFD FREQUENCY = 61.44MHz
PFD FREQUENCY = 122.88MHz
PFD FREQUENCY = 153.6MHz
Figure 14. PFD Spurious Sweep, fPFD = 61.44 MHz, Loop Filter Bandwidth =
100 kHz
0
–80
–70
–60
–50
–40
–30
–20
–10
0.5 1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
1.5
2.5
3.5
4.5
5.5
6.5
7.5
8.5
CARRIER FREQUENCY (GHz)
SECOND HARMONIC
THIRD HARMONIC
FOURTH HARMONIC
FIFTH HARMONIC
SIXTH HARMONIC
Figure 15. RF8P and RF8N Output Harmonics, De-Embedded Board and Cable
Measurement, Combined Using Balun
–35
–135
–125
–115
–105
–95
–85
–75
–65
–55
–45
3.5
4.5
5.5
6.5
7.5
8.5
CARRIER FREQUENCY (GHz)
61.44MHz
122.88MHz
153.6MHz
Figure 16. Integer Boundary Spurious Sweep vs. Carrier Frequency,
fPFD = 61.44 MHz, 122.88 MHz, and 153.6 MHz,
Loop Filter Bandwidth = 100 kHz
6
–8
–6
–4
–2
0
2
4
7
9
11
13
15
8
10
12
14
16
17
FREQUENCY (GHz)
RAW MEASUREMENT
DE-EMBEDDED MEASUREMENT
Figure 17. RF16P and RF16N Output Power, De-Embedded Board and Cable
Measurement, Combined Using Balun
–35
–40
–45
–50
–55
–60
–65
–70
–75
7
9
11
13
15
8
10
12
14
16
17
CARRIER FREQUENCY (GHz)
–40°C, VCO SUPPLY = 4.80V
+105°C, VCO SUPPLY = 4.80V
–40°C, VCO SUPPLY = 5.30V
+105°C, VCO SUPPLY = 5.30V
+25°C, VCO SUPPLY = 5.05V
Figure 18. RF16P and RF16N VCO Feedthrough, De-Embedded Board and
Cable Measurement, Combined Using Balun



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com