Electronic Components Datasheet Search
  English  ▼

X  

ADF4372 Datasheet(PDF) 17 Page - Analog Devices

Part # ADF4372
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4372 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADF4372 Datasheet HTML 13Page - Analog Devices ADF4372 Datasheet HTML 14Page - Analog Devices ADF4372 Datasheet HTML 15Page - Analog Devices ADF4372 Datasheet HTML 16Page - Analog Devices ADF4372 Datasheet HTML 17Page - Analog Devices ADF4372 Datasheet HTML 18Page - Analog Devices ADF4372 Datasheet HTML 19Page - Analog Devices ADF4372 Datasheet HTML 20Page - Analog Devices ADF4372 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
Data Sheet
ADF4372
Rev. 0 | Page 17 of 47
VCO Band Selection
The VCO_BAND_DIV bits (programmed in Address 0x30) and
fPFD are used to generate the VCO band selection clock
as follows:
__
PFD
BSC
f
f
VCO BAND DIV
=
(14)
The calculated time must be less than or equal to 2.4 MHz.
16 clock cycles are required for one VCO core and band
calibration step and the total band selection process takes
11 steps, resulting in the following equation:
×
× 16
_
_
11
PFD
VCO BAND DIV
f
(15)
The minimum value for VCO_BAND_DIV is 1 and the
maximum value is 255.
ALC
Use the ALC function to choose the correct bias current in the
ADF4372 VCO core. The duration required for VCO bias
voltage to settle for each step is set by the following equation:
_
_
1024
PFD
VCO ALC TIMEOUT
TIMEOUT
f
×+
(16)
where:
VCO_ALC_TIMEOUT and TIMEOUT are programmed in
Address 0x34, Address 0x32, and Address 0x31.
The calculated time must be greater than or equal to 50 µs.
The total ALC takes 63 steps. Calculate the total duration for
ALC as follows:
_
_
1024
63
PFD
VCO ALC TIMEOUT
TIMEOUT
f
×+
×
(17)
The minimum value for VCO_ALC_TIMEOUT is 2 and the
maximum value is 31.
PLL Settling Time
The time taken for the loop to settle is inversely proportional to
the low-pass filter bandwidth. The settling time is accurately
modeled in the ADIsimPLL design tool.
Lock Time, a Worked Example
Assume that fPFD = 61.44 MHz,
VCO_BAND_DIV = Ceiling(fPFD/2,400,000) = 26
(18)
where Ceiling() rounds up to the nearest integer.
SYNTH_LOCK_TIMEOUT × 1024 + TIMEOUT > 1228.8 (19)
VCO_ALC_TIMEOUT × 1024 + TIMEOUT > 3072
(20)
There are several suitable values that meet these criteria. By
considering the minimum specifications, the following values
are the most suitable:
•
SYNTH_LOCK_TIMEOUT = 2 (minimum value)
•
VCO_ALC_TIMEOUT = 3
•
TIMEOUT = 2
Much faster lock times than those detailed in this data sheet are
possible by bypassing the calibration processes. Contact an
Analog Devices, Inc., sales representative for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com