Electronic Components Datasheet Search
  English  ▼

X  

ADF4372 Datasheet(PDF) 5 Page - Analog Devices

Part # ADF4372
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4372 Datasheet(HTML) 5 Page - Analog Devices

  ADF4372 Datasheet HTML 1Page - Analog Devices ADF4372 Datasheet HTML 2Page - Analog Devices ADF4372 Datasheet HTML 3Page - Analog Devices ADF4372 Datasheet HTML 4Page - Analog Devices ADF4372 Datasheet HTML 5Page - Analog Devices ADF4372 Datasheet HTML 6Page - Analog Devices ADF4372 Datasheet HTML 7Page - Analog Devices ADF4372 Datasheet HTML 8Page - Analog Devices ADF4372 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
Data Sheet
ADF4372
Rev. 0 | Page 5 of 47
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
4
dBm
RF16x = 16 GHz
RF Output Power Variation
±1
dB
RF8P and RF8N = 5 GHz
±1
dB
RF16x = 10 GHz
RF Output Power Variation (Over
Frequency)
±2
dB
RF8x and RFAUX8x = 4 GHz to 8 GHz
±2.5
dB
RF16x = 8 GHz to 16 GHz
Level of Signal with RF Output Disabled
−50
dBm
RF8P and RF8N = 1 GHz
−44
dBm
RF8P and RF8N = 8 GHz
−41
dBm
RF8P and RF8N = 8 GHz, 5 V VCO case
−75
dBm
RF16P = 8 GHz
−55
dBm
RF16P = 16 GHz
NOISE CHARACTERISTICS
Fundamental VCO Phase Noise
Performance where VCC VCO = 5 V
VCO noise in open-loop conditions,
VCC_VCO = 5 V
−117
dBc/Hz
100 kHz offset from 4.0 GHz carrier
−139
dBc/Hz
1 MHz offset from 4.0 GHz carrier
−156
dBc/Hz
10 MHz offset from 4.0 GHz carrier
−112
dBc/Hz
100 kHz offset from 5.7 GHz carrier
−136
dBc/Hz
1 MHz offset from 5.7 GHz carrier
−153
dBc/Hz
10 MHz offset from 5.7 GHz carrier
−109
dBc/Hz
100 kHz offset from 8.0 GHz carrier
−133
dBc/Hz
1 MHz offset from 8.0 GHz carrier
−152
dBc/Hz
10 MHz offset from 8.0 GHz carrier
RF16x Output Phase Noise Performance
where VCC_VCO = 5 V
VCC_VCO = 5 V
−106
dBc/Hz
100 kHz offset from 11.4 GHz carrier
−130
dBc/Hz
1 MHz offset from 11.4 GHz carrier
−146
dBc/Hz
10 MHz offset from 11.4 GHz carrier
−103
dBc/Hz
100 kHz offset from 16 GHz carrier
−127
dBc/Hz
1 MHz offset from 16 GHz carrier
−145
dBc/Hz
10 MHz offset from 16 GHz carrier
Fundamental VCO Phase Noise
Performance where VCC_VCO = 3.3 V
VCO noise in open-loop conditions,
VCC_VCO = 3.3 V
−116
dBc/Hz
100 kHz offset from 4.0 GHz carrier
−137
dBc/Hz
1 MHz offset from 4.0 GHz carrier
−156
dBc/Hz
10 MHz offset from 4.0 GHz carrier
−111
dBc/Hz
100 kHz offset from 5.7 GHz carrier
−133
dBc/Hz
1 MHz offset from 5.7 GHz carrier
−153
dBc/Hz
10 MHz offset from 5.7 GHz carrier
−109
dBc/Hz
100 kHz offset from 8.0 GHz carrier
−132
dBc/Hz
1 MHz offset from 8.0 GHz carrier
−153
dBc/Hz
10 MHz offset from 8.0 GHz carrier
Normalized Inband Phase Noise Floor
Fractional Channel4
−233
dBc/Hz
Integer Channel5
−234
dBc/Hz
Normalized 1/f Noise6
PN1_f
−127
dBc/Hz
10 kHz offset, normalized to 1 GHz
Integrated RMS Jitter
38
fs
Wenzel oven controlled crystal oscillators
(OCXO) as the reference frequency input
(REFIN), integer-N mode, f
PFD = 245.76 MHz,
300 kHz loop filter bandwidth, 1 kHz to
100 MHz
Integer Boundary Spurs (Filtered)
−90
dBc
960 kHz offset from integer channel
Inband Integer Boundary Spur
(Unfiltered)
−55
dBc
Measured at 5 kHz offset from integer
channel
Spurious Signals Due to f
PFD
−90
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com