Electronic Components Datasheet Search
  English  ▼

X  

ADF4372 Datasheet(PDF) 1 Page - Analog Devices

Part # ADF4372
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4372 Datasheet(HTML) 1 Page - Analog Devices

  ADF4372 Datasheet HTML 1Page - Analog Devices ADF4372 Datasheet HTML 2Page - Analog Devices ADF4372 Datasheet HTML 3Page - Analog Devices ADF4372 Datasheet HTML 4Page - Analog Devices ADF4372 Datasheet HTML 5Page - Analog Devices ADF4372 Datasheet HTML 6Page - Analog Devices ADF4372 Datasheet HTML 7Page - Analog Devices ADF4372 Datasheet HTML 8Page - Analog Devices ADF4372 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
Microwave Wideband Synthesizer
with Integrated VCO
Data Sheet
ADF4372
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
RF output frequency range: 62.5 MHz to 16,000 MHz
Fractional-N synthesizer and integer-N synthesizer
High resolution 39-bit fractional modulus
Typical spurious f
PFD: −90 dBc
Integrated rms jitter: 38 fs (1 kHz to 100 MHz)
Normalized phase noise floor: −234 dBc/Hz
f
PFD operation to 250 MHz
Reference input frequency operation to 600 MHz
Programmable divide by 1, 2, 4, 8, 16, 32, or 64 output
62.5 MHz to 8,000 MHz output at RF8x and RFAUX8x
8,000 MHz to 16,000 MHz output at RF16x
Lock time approximately 3 ms with automatic calibration
Lock time <30 μs with autocalibration bypassed, typical
Analog and digital power supplies: 3.3 V typical
VCO supply voltage: 3.3 V and 5 V
RF output mute function
7mm × 7mm, 48-terminal LGA package
APPLICATIONS
Wireless infrastructure (multicarrier global system for
mobile communication (MC-GSM), 5G)
Test equipment and instrumentation
Clock generation
Aerospace and defense
GENERAL DESCRIPTION
The ADF4372 allows implementation of fractional-N or integer-N
phase-locked loop (PLL) frequency synthesizers when used with
an external loop filter and an external reference frequency. The
wideband microwave voltage controlled oscillator (VCO) design
allows frequencies from 62.5 MHz to 16 GHz to be generated.
The ADF4372 has an integrated VCO with a fundamental output
frequency ranging from 4000 MHz to 8000 MHz. In addition, the
VCO frequency is connected to a divide by 1, 2, 4, 8, 16, 32, or 64
circuit that allows the user to generate radio frequency (RF)
output frequencies as low as 62.5 MHz at RF8x. A frequency
multiplier at RF16x generates from 8 GHz to 16 GHz. RFAUX8x
duplicates the frequency range of RF8x or permits direct access to
the VCO output. To suppress the unwanted products of frequency
multiplication, a harmonic filter exists between the multiplier and
the output stage of RF16x.
Control of all on-chip registers is through a 3-wire interface.
The ADF4372 operates with analog and digital power supplies
ranging from 3.15 V to 3.45 V, and 5 V for the VCO power
supply. The ADF4372 also contains hardware and software
power-down modes.
FUNCTIONAL BLOCK DIAGRAM
MUXOUT
RS_SW
VCC_REG_OUT
CPOUT
VTUNE
SCLK
SDIO
CS
VCC_CAL VCC_VCO VCC_LDO VCC_X1 VCC_X2
VCC_MUX VCC_3V VDD_NDIV VDD_LS VCC_LDO_3V VCC_REF VDD_PFD VDD_VP
GND
PHASE
COMPARATOR
CHARGE
PUMP
5-BIT R
COUNTER
÷2
DIVIDER
×2
DOUBLER
FUNCTION
LATCH
LOW
NOISE
LDO
DATA REGISTER
INTEGER
REGISTER
N COUNTER
FRACTION
REGISTER
THIRD-ORDER
FRACTIONAL
INTERPOLATOR
MODULUS
REGISTER
MUX
LOCK
DETECT
ADF4372
REFP
REFN
RF16P
RF16N
×2
OUTPUT
STAGE
8GHz
TO 16GHz
TRACKING
FILTER
RF8P
RF8N
1, 2, 4, 8,
16, 32, 64
OUTPUT
STAGE
62.5MHz TO 8000MHz
RFAUX8P
RFAUX8N
MUX
OUTPUT
STAGE
62.5MHz TO 8000MHz
MUX
VCO
CORE
Figure 1.


Similar Part No. - ADF4372

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4371 AD-ADF4371 Datasheet
4Mb / 46P
Microwave Wideband Synthesizer Integrated VCO
ADF4377 AD-ADF4377 Datasheet
4Mb / 79P
Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
ADF4377BCCZ AD-ADF4377BCCZ Datasheet
4Mb / 79P
Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
ADF4377BCCZ-RL7 AD-ADF4377BCCZ-RL7 Datasheet
4Mb / 79P
Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
ADF4378 AD-ADF4378 Datasheet
4Mb / 85P
Microwave Wideband Synthesizer with Integrated VCO and Deterministic General- Purpose Pulse Retimer
Rev. 0
More results

Similar Description - ADF4372

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF5355 AD-ADF5355 Datasheet
817Kb / 38P
Microwave Wideband Synthesizer with Integrated VCO
REV. A
ADF4355 AD-ADF4355_17 Datasheet
848Kb / 35P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. A to Rev. B
ADF4355-2 AD-ADF4355-2_17 Datasheet
895Kb / 37P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. B to Rev. C
ADF4355-3 AD-ADF4355-3_17 Datasheet
819Kb / 34P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. A to Rev. B
ADF5355 AD-ADF5355_17 Datasheet
795Kb / 38P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. C to Rev D
ADF4371 AD-ADF4371 Datasheet
4Mb / 46P
Microwave Wideband Synthesizer Integrated VCO
ADF5610 AD-ADF5610_V01 Datasheet
1,016Kb / 51P
Microwave Wideband Synthesizer Integrated VCO
2/2019-Revision 0
ADF4377 AD-ADF4377 Datasheet
4Mb / 79P
Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
ADF4368 AD-ADF4368 Datasheet
2Mb / 54P
Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
ADF4382A AD-ADF4382A Datasheet
3Mb / 70P
Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com