Electronic Components Datasheet Search
  English  ▼

X  

ADF4372 Datasheet(PDF) 20 Page - Analog Devices

Part # ADF4372
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4372 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADF4372 Datasheet HTML 16Page - Analog Devices ADF4372 Datasheet HTML 17Page - Analog Devices ADF4372 Datasheet HTML 18Page - Analog Devices ADF4372 Datasheet HTML 19Page - Analog Devices ADF4372 Datasheet HTML 20Page - Analog Devices ADF4372 Datasheet HTML 21Page - Analog Devices ADF4372 Datasheet HTML 22Page - Analog Devices ADF4372 Datasheet HTML 23Page - Analog Devices ADF4372 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
ADF4372
Data Sheet
Rev. 0 | Page 20 of 47
VCO
The VCO in the ADF4372 consists of four separate VCO cores,
Core A, Core B, Core C, and Core D, each of which uses 256
overlapping bands, which allows the device to cover a wide
frequency range without large VCO sensitivity (KV) and without
resultant poor phase noise and spurious performance.
The correct VCO and band are chosen automatically by the
VCO and band select logic whenever Address 0x10 is updated
and automatic calibration is enabled. The VCO tune voltage is
disconnected from the output of the loop filter and is connected
to an internal reference voltage.
The R counter output is used as the clock for the band select
logic. After band selection, normal PLL action resumes. The
nominal value of KV is 50 MHz/V when the N divider is driven
from the VCO output, or the KV value is divided by D. D is
the output divider value if the N divider is driven from the
RF output divider.
The VCO shows variation of KV as the tuning voltage, VTUNE,
varies within the band and from band to band. For wideband
applications covering a wide frequency range (and changing
output dividers), a value of 50 MHz/V provides the most accurate
KV, because this value is closest to the average value. Figure 33
and Figure 34 shows how KV varies with fundamental VCO
frequency along with an average value for the frequency band.
Users may prefer Figure 33 and Figure 34 when using narrow-
band designs.
150
90
100
110
120
130
140
80
70
60
50
40
30
20
10
0
4.0
8.0
7.5
7.0
6.5
6.0
5.5
5.0
4.5
FREQUENCY (GHz)
Figure 33. VCO Sensitivity, KV vs. Frequency, VCC_VCO = 5 V
Figure 34. VCO Sensitivity, KV vs. Frequency, VCC_VCO = 3.3 V
OUTPUT STAGE
The RF8P pin and the RF8N pin of the ADF4372 connect to
the collectors of a bipolar negative positive negative (NPN)
differential pair driven by buffered outputs of the VCO, as
shown in Figure 35. The ADF4372 contains internal 50 Ω
resistors connected to the VCC_X1 pin. To optimize the power
dissipation vs. the output power requirements, the tail current
of the differential pair is programmable using Bits[1:0] in
Address 0x25. Four current levels can be set. These levels give
approximate output power levels of −4 dBm, −1 dBm, 2 dBm,
and 5 dBm. Levels of −4 dBm, −1 dBm, and 2 dBm can be
achieved by ac coupling into a 50 Ω load. A 5 dBm level
requires an external shunt inductor to VCC_X1. An inductor
has a narrower operating frequency than a 50 Ω resistor.
For accurate power levels, refer to the Typical Performance
Characteristics section. Add an external shunt inductor to
provide higher power levels, which is less wideband than the
internal bias only. Terminate the unused complementary output
with a circuit similar to the used output.
VCO
RF8P
RF8N
VCC_X1
VCC_X1
50Ω
50Ω
BUFFER,
DIVIDE BY
1, 2, 4, 8,
16, 32, 64
Figure 35. Output Stage
The doubled VCO output (8 GHz to 16 GHz) is available on the
RF16P pin and the RF16N pin, which can be directly connected
to the next circuit. The RFAUX8P and the RFAUX8N provide the
same functionality as the RF8x output, but they can output the
divided RF8x frequency or the VCO frequency if desired.
100
90
80
70
60
50
40
30
20
10
0
4.0
8.0
7.5
7.0
6.5
6.0
5.5
5.0
4.5
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com