Electronic Components Datasheet Search
  English  ▼

X  

ADF4372 Datasheet(PDF) 10 Page - Analog Devices

Part # ADF4372
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4372 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADF4372 Datasheet HTML 6Page - Analog Devices ADF4372 Datasheet HTML 7Page - Analog Devices ADF4372 Datasheet HTML 8Page - Analog Devices ADF4372 Datasheet HTML 9Page - Analog Devices ADF4372 Datasheet HTML 10Page - Analog Devices ADF4372 Datasheet HTML 11Page - Analog Devices ADF4372 Datasheet HTML 12Page - Analog Devices ADF4372 Datasheet HTML 13Page - Analog Devices ADF4372 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
ADF4372
Data Sheet
Rev. 0 | Page 10 of 47
Pin No.
Mnemonic
Description
29
VCC_MUX
Power Supply for the VCO Mux. The voltage on this pin must have the same value as AV
DD.
30
VCC_3V
Analog Power Supply. The voltage on this pin must have the same value as AV
DD.
31
VDD_NDIV
N Divider Power Supply. The voltage on this pin must have the same value as AV
DD.
32
VDD_LS
Level Shifter Power Supply. The voltage on this pin must have the same value as AV
DD.
33
CS
Chip Select, CMOS Input. When CS goes high, the data stored in the shift register is loaded into the
register that is selected by the address bits.
34
SDIO
Serial Data Input Output. This input is a high impedance CMOS input.
35
SCLK
Serial Clock Input. Data is clocked into the 24-bit shift register on the clock rising (or falling) edge. This
input is a high impedance CMOS input.
38
VCC_LDO_3V
Regulator Input for 1.8 V Digital Logic. The voltage on this pin must have the same value as AV
DD.
39
CE
Chip Enable. Connect to 3.3 V or AV
DD.
40
TEST
Factory Test Pin. Connect this pin to ground.
41
MUXOUT
Mux Output. The mux output allows the digital lock detect, the analog lock detect, scaled RF, or the
scaled reference frequency to be externally accessible. This pin can be programmed to output the
register settings in 4-wire SPI mode.
43
REFP
Reference Input. If driving the device with a single-ended reference, ac couple the signal to the REFP
pin.
44
REFN
Complementary Reference Input. If unused, ac couple this pin to GND. REFP and REFN must be ac-
coupled if driven differentially. If driven single-ended, the reference signal must be connected to REFP,
and the REFN must be ac-coupled to GND. In differential configuration, the differential impedance is
100 Ω.
45
VCC_REF
Power Supply to the Reference Buffer. The voltage on this pin must have the same value as AV
DD.
46
VDD_PFD
Power Supply to the Phase Frequency Detector (PFD). The voltage on this pin must have the same
value as AV
DD.
47
VDD_VP
Charge Pump Power Supply. The voltage on this pin must have the same value as AV
DD. A 1 μF
decoupling capacitor to GND must be included to minimize spurious signals.
EP
Exposed Pad. The land grid array (LGA) has an exposed pad that must be soldered to a metal plate on
the PCB for mechanical reasons and to the GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com