Electronic Components Datasheet Search
  English  ▼

X  

ADF4372 Datasheet(PDF) 23 Page - Analog Devices

Part # ADF4372
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4372 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADF4372 Datasheet HTML 19Page - Analog Devices ADF4372 Datasheet HTML 20Page - Analog Devices ADF4372 Datasheet HTML 21Page - Analog Devices ADF4372 Datasheet HTML 22Page - Analog Devices ADF4372 Datasheet HTML 23Page - Analog Devices ADF4372 Datasheet HTML 24Page - Analog Devices ADF4372 Datasheet HTML 25Page - Analog Devices ADF4372 Datasheet HTML 26Page - Analog Devices ADF4372 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
Data Sheet
ADF4372
Rev. 0 | Page 23 of 47
APPLICATIONS INFORMATION
POWER SUPPLIES
The ADF4372 contains four multiband VCOs that together cover
an octave range of frequencies. To achieve optimal VCO phase
noise performance, it is recommended to connect a low noise
regulator, such as the ADM7150 or LT3045, to the VCC_VCO
pin. Connect the same regulator to the VCC_VCO pin and the
VCC_LDO pin. It is recommended to connect 1 μF decoupling
capacitors to the 5 V VCO supply.
For all other 3.3 V supply pins, use one ADM7150 or one
LT3045 regulator. A 1 μF capacitor is also recommended for the
VDD_VP pin. Additional decoupling to other supply pins is not
required.
PCB DESIGN GUIDELINES FOR AN LGA PACKAGE
The bottom of the chip scale package has a central exposed
thermal pad. The thermal pad on the PCB must be at least as
large as the exposed pad. On the PCB, there must be a minimum
clearance of 0.25 mm between the thermal pad and the inner
edges of the pad pattern. This clearance ensures there is no
shorting
To improve the thermal performance of the package, use thermal
vias on the PCB thermal pad. If vias are used, incorporate them
into the thermal pad at the 1.2 mm pitch grid. The via diameter
must be between 0.3 mm and 0.33 mm, and the via barrel must
be plated with 1 oz. of copper to plug the via into the barrel.
For a microwave PLL and VCO synthesizer, such as the
ADF4372, take care with the board stackup and layout. Do not
consider using FR4 material because it causes an amplitude
decrease in signals greater than 3 GHz. Instead, Rogers 4350,
Rogers 4003, or Rogers 3003 dielectric material is suitable.
Take care with the RF output traces to minimize discontinuities
and ensure the best signal integrity. Via placement and grounding
are critical.
OUTPUT MATCHING
The low frequency output can be ac-coupled to the next circuit,
if desired. However, if higher output power is required, use a
pull-up inductor to increase the output power level.
7.5nH
10pF
RF8P
VDD_X1
50Ω
Figure 37. Optimum Output Stage
When differential outputs are not needed, terminate the unused
output or combine it with both outputs using a balun.
For lower frequencies that are less than 1 GHz, it is recommended
to use a 100 nH inductor on the RF8P pin and the RF8N pin.
The RF8P and RF8N pins form a differential circuit. Provide
each output with the same (or similar) components where
possible, including the same shunt inductor value, bypass
capacitor, and termination.
The RFAUX8P pin and the RFAUX8N pin are effectively the
same as the RF8P pin and the RF8N pin and must be treated in
the manner as outlined for the RF8P pin and the RF8N pin.
The RF16P pin and the RF16N pin can be directly connected to
the next circuit stage. These pins are internally matched to 50 Ω
and do not require additional decoupling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com