Electronic Components Datasheet Search
  English  ▼

X  

ADF4372 Datasheet(PDF) 9 Page - Analog Devices

Part # ADF4372
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4372 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADF4372 Datasheet HTML 5Page - Analog Devices ADF4372 Datasheet HTML 6Page - Analog Devices ADF4372 Datasheet HTML 7Page - Analog Devices ADF4372 Datasheet HTML 8Page - Analog Devices ADF4372 Datasheet HTML 9Page - Analog Devices ADF4372 Datasheet HTML 10Page - Analog Devices ADF4372 Datasheet HTML 11Page - Analog Devices ADF4372 Datasheet HTML 12Page - Analog Devices ADF4372 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
Data Sheet
ADF4372
Rev. 0 | Page 9 of 47
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
GND 1
CPOUT 2
RS_SW 3
GND
25
RF16P
26
RF16N
27
GND
28
VCC_MUX
29
VCC_3V
30
VDD_NDIV
31
VDD_LS
32
CS
33
SDIO
34
SCLK
35
GND
36
13 14 15 16 17 18 19 20 21 22 23 24
37
38
39
40
41
42
43
44
45
46
47
48
VCC_CAL 4
VTUNE 5
VCC_REG_OUT 6
VCC_VCO 7
VCC_LDO 8
GND 9
NC 10
NC 11
GND 12
TOP VIEW
(Not to Scale)
ADF4372
NOTES
1. THE LAND GRID ARRAY (LGA) HAS AN EXPOSED PAD
THAT MUST BE SOLDERED TO A METAL PLATE ON
THE PCB FOR MECHANICAL REASONS AND TO GND.
Figure 6. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 9, 12, 13, 20,
24, 25, 28, 36,
37, 42, 48
GND
Ground Return.
2
CPOUT
Charge Pump (CP) Output. When enabled, this output provides ±I
CP to the external loop filter. The
output of the loop filter is connected to VTUNE to drive the internal VCO.
3
RS_SW
Loop Filter Switch. Used for switching loop filter resistors in fast lock applications.
4
VCC_CAL
Power Supply for Internal Calibration Monitor Circuit. The voltage on this pin ranges from 3.15 V to
3.45 V. VCC_CAL must have the same value as AV
DD, nominally 3.3 V.
5
VTUNE
Control Input to the VCO. This voltage determines the output frequency and is derived from filtering
the CPOUT output voltage.
6
VCC_REG_OUT
VCO Supply Regulator Out. The output supply voltage of the VCO regulator is available at this pin, and
must be decoupled to GND with a 10 μF capacitor and shorted to the VCC_VCO pin. Leave this pin
open if an external LDO regulator is connected to VCC_VCO.
7
VCC_VCO
Power Supply for the VCO. The voltage on this pin ranges from 4.75 V to 5.25 V. Place decoupling
capacitors to the analog ground plane as close to this pin as possible. For optimal performance, this
supply must be clean and have low noise.
8
VCC_LDO
Supply Pin to the VCO Regulator. If the internal regulator is used, connect the voltage supply to
VCC_LDO. The voltage on this pin ranges from 4.75 V to 5.25 V. If the external regulator is used, short
this pin to VCC_VCO.
10, 11
NC
No Connect.
14, 16
VCC_X1
Power Supply for the Main RF Output. The voltage on this pin must have the same value as AV
DD.
15, 17
VDD_X1
Digital Supply for the Main RF Circuit. The voltage on this pin must have the same value as AV
DD.
18
RF8P
Main RF Output. AC couple to the next stage. The output level is programmable. The VCO fundamental
output or a divided down version is available.
19
RF8N
Complementary Main RF Output. AC couple this pin to the next stage. The output level is
programmable. The VCO fundamental output or a divided down version is available.
21
VCC_X2
Power Supply for the Doubled RF Output. The voltage on this pin must have the same value as AV
DD.
22
RFAUX8P
Auxiliary RF Output. AC couple to the next stage. This pin can be powered off when not in use.
23
RFAUX8N
Complementary Auxiliary RF Output. AC couple this pin to the next stage. This pin can be powered off
when not in use.
26
RF16P
Doubled VCO Output. AC or dc couple this pin to the next stage. This pin can be powered off when not
in use. If unused, this pin can be left open.
27
RF16N
Complementary Doubled VCO Output. AC or dc couple this pin to the next stage. This pin can be
powered off when not in use. If unused, this pin can be left open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com