Electronic Components Datasheet Search
  English  ▼

X  

ADF4372 Datasheet(PDF) 28 Page - Analog Devices

Part # ADF4372
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4372 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADF4372 Datasheet HTML 24Page - Analog Devices ADF4372 Datasheet HTML 25Page - Analog Devices ADF4372 Datasheet HTML 26Page - Analog Devices ADF4372 Datasheet HTML 27Page - Analog Devices ADF4372 Datasheet HTML 28Page - Analog Devices ADF4372 Datasheet HTML 29Page - Analog Devices ADF4372 Datasheet HTML 30Page - Analog Devices ADF4372 Datasheet HTML 31Page - Analog Devices ADF4372 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
ADF4372
Data Sheet
Rev. 0 | Page 28 of 47
Address: 0x11, Default: 0x00, Name: REG0011
16-Bit Integer Word.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] BIT_INTEGER_WORD[15:8] (R/W)
Table 16. Bit Descriptions for REG0011
Bit(s)
Bit Name
Description
Default
Access
[7:0]
BIT_INTEGER_WORD[15:8]
16-Bit Integer Word. Sets the integer value of N.
0x0
R/W
Address: 0x12, Default: 0x40, Name: REG0012
Enables Autocalibration.
Pres caler Select.
0
0
1
0
2
0
3
0
4
0
5
0
6
1
7
0
[7] RESERVED
[4:0] RESERVED
[6] EN_AUTOCAL (R/W)
[5] PRE_SEL (R/W)
Table 17. Bit Descriptions for REG0012
Bit(s)
Bit Name
Description
Default
Access
7
RESERVED
Reserved.
0x0
R
6
EN_AUTOCAL
Enables Autocalibration.
0x1
R/W
0: VCO autocalibration disabled.
1: VCO autocalibration enabled.
5
PRE_SEL
Prescaler Select. The dual modulus prescaler is set by this bit. The prescaler, at the input to
the N divider, divides down the VCO signal. This action occurs so the N divider can handle the
signal. The prescaler setting affects the RF frequency and the minimum and maximum INT
value.
0x0
R/W
0: 4/5 prescaler.
1: 8/9 prescaler.
[4:0]
RESERVED
Reserved.
0x0
R
Address: 0x14, Default: 0x00, Name: REG0014
25-Bit FRAC1 Value.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] FRAC1WORD[7:0] (R/W)
Table 18. Bit Descriptions for REG0014
Bit(s)
Bit Name
Description
Default
Access
[7:0]
FRAC1WORD[7:0]
25-Bit FRAC1 Value. Sets the FRAC1 value.
0x0
R/W
Address: 0x15, Default: 0x00, Name: REG0015
25-Bit FRAC1 Value.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] FRAC1WORD[15:8] (R/W)
Table 19. Bit Descriptions for REG0015
Bit(s)
Bit Name
Description
Default
Access
[7:0]
FRAC1WORD[15:8]
25-Bit FRAC1 Value. Sets the FRAC1 value.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com