Electronic Components Datasheet Search
  English  ▼

X  

ADF4372 Datasheet(PDF) 38 Page - Analog Devices

Part # ADF4372
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4372 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADF4372 Datasheet HTML 34Page - Analog Devices ADF4372 Datasheet HTML 35Page - Analog Devices ADF4372 Datasheet HTML 36Page - Analog Devices ADF4372 Datasheet HTML 37Page - Analog Devices ADF4372 Datasheet HTML 38Page - Analog Devices ADF4372 Datasheet HTML 39Page - Analog Devices ADF4372 Datasheet HTML 40Page - Analog Devices ADF4372 Datasheet HTML 41Page - Analog Devices ADF4372 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 47 page
background image
ADF4372
Data Sheet
Rev. 0 | Page 38 of 47
Address: 0x2D, Default: 0x11, Name: REG002D
Select VCO ALC Thres hold (Core
C).
Sets ALC Rectifier DC Bias (Core
C).
Select ALC Thres hold Voltage (Core
C).
0
1
1
0
2
0
3
0
4
1
5
0
6
0
7
0
[7:5] RESERVED
[2:0] ALC_REF_DAC_NOM_VCO2 (R/W)
[4] ALC_RECT_SELECT_VCO2 (R/W)
[3] ALC_REF_DAC_LO_VCO2 (R/W)
Table 41. Bit Descriptions for REG002D
Bit(s)
Bit Name
Description
Default
Access
[7:5]
RESERVED
Reserved.
0x0
R
4
ALC_RECT_SELECT_VCO2
Sets ALC Rectifier DC Bias (Core C).
0x1
R/W
0: 3.3 V VCO operation.
1: 5 V VCO operation.
3
ALC_REF_DAC_LO_VCO2
Select ALC Threshold Voltage (Core C).
0x0
R/W
0: 5 V VCO operation.
1: 3.3 V VCO operation.
[2:0]
ALC_REF_DAC_NOM_VCO2
Select VCO ALC Threshold (Core C).
0x1
R/W
001: 3.3 V and 5 V VCO operation.
Address: 0x2E, Default: 0x12, Name: REG002E
Select VCO ALC Thres hold (Core
B).
Sets ALC Rectifier DC Bias (Core
B).
Sets ALC Thres hold Voltage (Core
B).
0
0
1
1
2
0
3
0
4
1
5
0
6
0
7
0
[7:5] RESERVED
[2:0] ALC_REF_DAC_NOM_VCO3 (R/W)
[4] ALC_RECT_SELECT_VCO3 (R/W)
[3] ALC_REF_DAC_LO_VCO3 (R/W)
Table 42. Bit Descriptions for REG002E
Bit(s)
Bit Name
Description
Default
Access
[7:5]
RESERVED
Reserved.
0x0
R
4
ALC_RECT_SELECT_VCO3
Sets ALC Rectifier DC Bias (Core B).
0x1
R/W
0: 3.3 V VCO operation.
1: 5 V VCO operation.
3
ALC_REF_DAC_LO_VCO3
Sets ALC Threshold Voltage (Core B).
0x0
R/W
0: 5 V VCO operation.
1: 3.3 V VCO operation.
[2:0]
ALC_REF_DAC_NOM_VCO3
Select VCO ALC Threshold (Core B).
0x2
R/W
010: 3.3 V and 5 V VCO operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com