Electronic Components Datasheet Search
  English  ▼

X  

ADF4372 Datasheet(PDF) 18 Page - Analog Devices

Part # ADF4372
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4372 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADF4372 Datasheet HTML 14Page - Analog Devices ADF4372 Datasheet HTML 15Page - Analog Devices ADF4372 Datasheet HTML 16Page - Analog Devices ADF4372 Datasheet HTML 17Page - Analog Devices ADF4372 Datasheet HTML 18Page - Analog Devices ADF4372 Datasheet HTML 19Page - Analog Devices ADF4372 Datasheet HTML 20Page - Analog Devices ADF4372 Datasheet HTML 21Page - Analog Devices ADF4372 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
ADF4372
Data Sheet
Rev. 0 | Page 18 of 47
CIRCUIT DESCRIPTION
REFERENCE INPUT
Figure 29 shows the reference input stage. The reference input
can accept both single-ended and differential signals. Use the
reference mode bit (Bit 6 in Address 0x22) to select the signal.
To use a differential signal on the reference input, program this
bit high. In this case, SW1 and SW2 are open, SW3 and SW4
are closed, and the current source that drives the differential pair of
transistors switches on. The differential signal is buffered, and
the signal is provided as an emitter coupled logic (ECL) to the
CMOS buffer.
When a single-ended signal is used as the reference, connect the
reference signal to REFP and program Bit 6 in Address 0x22
to 0. In this case, SW1 and SW2 are closed, SW3 and SW4 are
open, and the current source that drives the differential pair of
transistors switches off.
For optimum integer boundary spur and phase noise performance,
use the single-ended setting for all references up to 500 MHz
(even if using a differential signal). Use the differential setting
for reference frequencies greater than 500 MHz.
2.5kΩ
2.5kΩ
REFP
REFN
AVDD
BIAS
GENERATOR
BUFFER
85kΩ
SW2
SW3
SW1
REFERENCE
INPUT MODE
SW4
ECL TO CMOS
BUFFER
TO
R COUNTER
MULTIPLEXER
Figure 29. Reference Input Stage, Differential Mode
RF N DIVIDER
The RF N divider allows a division ratio in the PLL feedback
path. Determine the division ratio by the INT, FRAC1, FRAC2,
and MOD2 values that this divider comprises.
THIRD-ORDER
FRACTIONAL
INTERPOLATOR
FRAC1
VALUE
INT
VALUE
RF N COUNTER
FROM
VCO OUTPUT OR
OUTPUT DIVIDERS
TO PFD
N COUNTER
FRAC2
VALUE
MOD2
VALUE
Figure 30. RF N Divider
INT, FRAC, MOD, and R Counter Relationship
The INT, FRAC1, FRAC2, MOD1, and MOD2 values, in
conjunction with the R counter, make it possible to generate
output frequencies that are spaced by fractions of fPFD. For more
information, see the RF Synthesizer, a Worked Example section.
Calculate fVCO_OUT using the following equation:
fVCO_OUT = fPFD × N
(21)
Calculate fPFD using the following equation:

1
1
PFD
IN
D
fREF
RT


(22)
where:
REFIN is the reference frequency input.
D is the REFIN doubler bit.
R is the preset divide ratio of the binary 10-bit programmable
reference counter (1 to 1023).
T is the REFIN divide by 2 bit (0 or 1)
Calculate the desired value of the feedback counter N using the
following equation:
FRAC2
FRAC1
MOD2
NINT
MOD1

(23)
where:
INT is the 16-bit integer value. In integer mode, INT = 20 to
32,767 for the 4/5 prescaler, and 64 to 65,535 for the 8/9
prescaler. In fractional mode, INT= = 23 to 32,767 for the 4/5
prescaler, and 75 to 65,535 for the 8/9 prescaler.
FRAC1 is the numerator of the primary modulus (0 to 33,554,431).
FRAC2 is the numerator of the 14-bit auxiliary modulus
(0 to 16,383).
MOD2 is the programmable, 14-bit auxiliary fractional
modulus (2 to 16,383).
MOD1 is a 25-bit primary modulus with a fixed value of
225 = 33,554,432.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com