Electronic Components Datasheet Search
  English  ▼

X  

ADF4372 Datasheet(PDF) 33 Page - Analog Devices

Part # ADF4372
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4372 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADF4372 Datasheet HTML 29Page - Analog Devices ADF4372 Datasheet HTML 30Page - Analog Devices ADF4372 Datasheet HTML 31Page - Analog Devices ADF4372 Datasheet HTML 32Page - Analog Devices ADF4372 Datasheet HTML 33Page - Analog Devices ADF4372 Datasheet HTML 34Page - Analog Devices ADF4372 Datasheet HTML 35Page - Analog Devices ADF4372 Datasheet HTML 36Page - Analog Devices ADF4372 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
Data Sheet
ADF4372
Rev. 0 | Page 33 of 47
Address: 0x22, Default: 0x00, Name: REG0022
Choos e Between Single-Ended or
Differential REFin.
RDIV2.
Reference Doubler.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7] RESERVED
[3:0] RESERVED
[6] REFIN_MODE (R/W)
[4] RDIV2 (R/W)
[5] REF_DOUB (R/W)
Table 31. Bit Descriptions for REG0022
Bit(s)
Bit Name
Description
Default
Access
7
RESERVED
Reserved.
0x0
R
6
REFIN_MODE
Choose Between Single-Ended or Differential REF
IN.
0x0
R/W
0: single-ended REF
IN.
1: differential REF
IN.
5
REF_DOUB
Reference Doubler. Controls the reference doubler block.
0x0
R/W
0: doubler disabled.
1: doubler enabled.
4
RDIV2
RDIV2. Controls the reference divide by 2 clock. This feature can be used to provide a 50%
duty cycle signal to the PFD.
0x0
R/W
0: RDIV2 disabled.
1: RDIV2 enabled.
[3:0]
RESERVED
Reserved.
0x0
R
Address: 0x23, Default: 0x00, Name: REG0023
Clock Divide Mode.
Tracking Filter Mux Select.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:6] RESERVED
[0] RESERVED
[5:4] CLK_DIV_MODE (R/W)
[1] TRACKING_FILTER_MUX_SEL (R/W)
[3:2] RESERVED
Table 32. Bit Descriptions for REG0023
Bit(s)
Bit Name
Description
Default
Access
[7:6]
RESERVED
Reserved.
0x0
R
[5:4]
CLK_DIV_MODE
Clock Divide Mode. Set to 10 to enable phase resynchronization. When not
using phase resynchronization, set to 00.
0x0
R/W
0: clock divider off (normal operation).
10: resynchronization enabled.
[3:2]
RESERVED
Reserved.
0x0
R
1
TRACKING_FILTER_MUX_SEL
Tracking Filter Mux Select.
0x0
R/W
0: normal, tracking filter coefficients set automatically.
1: tracking filter coefficients set manually from SPI (Address 0x70 and
Address 0x71).
0
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com