Electronic Components Datasheet Search
  English  ▼

X  

ADF4372 Datasheet(PDF) 15 Page - Analog Devices

Part # ADF4372
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4372 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADF4372 Datasheet HTML 11Page - Analog Devices ADF4372 Datasheet HTML 12Page - Analog Devices ADF4372 Datasheet HTML 13Page - Analog Devices ADF4372 Datasheet HTML 14Page - Analog Devices ADF4372 Datasheet HTML 15Page - Analog Devices ADF4372 Datasheet HTML 16Page - Analog Devices ADF4372 Datasheet HTML 17Page - Analog Devices ADF4372 Datasheet HTML 18Page - Analog Devices ADF4372 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 47 page
background image
Data Sheet
ADF4372
Rev. 0 | Page 15 of 47
THEORY OF OPERATION
RF SYNTHESIZER, A WORKED EXAMPLE
Use the following equations to program the ADF4372
synthesizer:
PFD
RFOUT
FRAC2
FRAC1
f
MOD2
f
INT
MOD1
RF Divider

+

=
+×



(1)
where:
fRFOUT is the RF output frequency.
INT is the integer division factor.
FRAC1 is the fractionality.
FRAC2 is the auxiliary fractionality.
MOD2 is the auxiliary modulus.
MOD1 is the fixed 25-bit modulus.
RF Divider is the output divider that divides down the VCO
frequency.
fPFD = REFIN × ((1 + D)/(R × (1 + T)))
(2)
where:
REFIN is the reference frequency input.
D is the REFIN doubler bit.
R is the reference division factor.
T is the reference divide by 2 bit (0 or 1).
For example, in a universal mobile telecommunication system
(UMTS) where a 2112.8 MHz fRFOUT is required, a 122.88 MHz
REFIN is available. The ADF4372 VCO operates in the frequency
range of 4 GHz to 8 GHz. Therefore, the RF divider of 2 must be
used (VCO frequency = 4225.6 MHz, fRFOUT = VCO frequency/RF
divider = 4225.6 MHz/2 = 2112.8 MHz).
The feedback path is also important. In this example, the VCO
output is fed back before the output divider (see Figure 26).
In this example, the 122.88 MHz reference signal is divided by
2 to generate a fPFD of 61.44 MHz. The desired channel spacing
is 200 kHz.
fPFD
PFD
VCO
N
DIVIDER
÷2
RFOUT
Figure 26. Loop Closed Before Output Divider
The values used in this worked example are as follows:
N = fVCO_OUT/fPFD = 4225.6 MHz/61.44 MHz =
68.7760416666666667
(3)
where:
N is the desired value of the feedback counter, N.
fVCO_OUT is the output frequency of the VCO voltage controlled
oscillator without using the output divider.
fPFD is the frequency of the phase frequency detector.
INT = INT(VCO frequency/fPFD) = 68
(4)
FRAC = 0.7760416666666667
(5)
where:
FRAC is the fractional part of the N.
MOD1 = 33,554,432
(6)
FRAC1 = INT(MOD1 × FRAC) = 26,039,637
(7)
Remainder = 0.3333333333 or 1/3
(8)
MOD2 = fPFD/GCD(fPFD, fCHSP) =
61.44 MHz/GCD(61.44 MHz, 200 kHz) = 1536
(9)
where:
GCD is the greatest common divider operant.
FRAC2 = Remainder × 1536 = 512
(10)
From Equation 2,
fPFD = (122.88 MHz × (1 + 0)/2) = 61.44 MHz
(11)
2112.8 MHz = 61.44 MHz × ((INT + (FRAC1 +
FRAC2/MOD2)/225))/2
(12)
where:
INT = 68.
FRAC1 = 26,039,637.
FRAC2 = 512.
MOD2 = 1536.
RF Divider = 2.
REFERENCE INPUT SENSITIVITY
The slew rate of the input reference signal significantly affects
the performance. The device is functional with signals of very
low amplitude down to 0.4 V p-p and with a slew rate of 21 V/μs.
However, the optimal performance is achieved with slew rates
as high as 1000 V/μs. Achieving this slew rate with sinusoidal
waves requires high amplitudes and may not be possible at
low frequencies. The jitter and phase noise performance of
the ADF4372 is shown in Figure 27 and Figure 28 for PFD
frequencies of 250 MHz and 100 MHz, respectively. A high
performance square wave signal with a high slew rate is
recommended as the reference input signal to achieve
the best performance.
65
60
55
50
45
40
35
–100
–114
–112
–110
–108
–106
–104
–102
–6
12
8
10
6
4
2
0
–2
–4
REFERENCE POWER (dBm)
PHASE NOISE AT 1kHz
1kHz TO 100MHz
12kHz TO 20MHz
PHASE NOISE AT 10kHz
Figure 27. Jitter and Phase Noise, fPFD =250MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com