Electronic Components Datasheet Search
  English  ▼

X  

ADF4372 Datasheet(PDF) 35 Page - Analog Devices

Part # ADF4372
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4372 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADF4372 Datasheet HTML 31Page - Analog Devices ADF4372 Datasheet HTML 32Page - Analog Devices ADF4372 Datasheet HTML 33Page - Analog Devices ADF4372 Datasheet HTML 34Page - Analog Devices ADF4372 Datasheet HTML 35Page - Analog Devices ADF4372 Datasheet HTML 36Page - Analog Devices ADF4372 Datasheet HTML 37Page - Analog Devices ADF4372 Datasheet HTML 38Page - Analog Devices ADF4372 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
Data Sheet
ADF4372
Rev. 0 | Page 35 of 47
Address: 0x26, Default: 0x32, Name: REG0026
Bleed Current.
0
0
1
1
2
0
3
0
4
1
5
1
6
0
7
0
[7:0] BLEED_ICP (R/W)
Table 35. Bit Descriptions for REG0026
Bit(s)
Bit Name
Description
Default
Access
[7:0]
BLEED_ICP
Bleed Current. Sets the bleed current. The optimum bleed current is set by ((4/N) × I
CP)/3.75,
where I
CP is the charge pump current in μA.
0x32
R/W
Address: 0x27, Default: 0xC5, Name: REG0027
Lock Detect Bias .
Res erved.
Lock Detect Precis ion.
VCO LDO Enable.
Gated Bleed.
Bleed Enable.
0
1
1
0
2
1
3
0
4
0
5
0
6
1
7
1
[7:6] LD_BIAS (R/W)
[1:0] RF_PBS (R/W)
[5] LDP (R/W)
[2] VCOLDO_PD (R/W)
[4] BLEED_GATE (R/W)
[3] BLEED_EN (R/W)
Table 36. Bit Descriptions for REG0027
Bit(s)
Bit Name
Description
Default
Access
[7:6]
LD_BIAS
Lock Detect Bias. The lock detector window size is set by adjusting the lock detector bias in
conjunction with the lock detector precision.
0x3
R/W
0: 5 ns lock detect delay if LDP = 0.
1: 6 ns.
10: 8 ns.
11: 12 ns lock detect delay (for large values of bleed)
5
LDP
Lock Detect Precision. Controls the sensitivity of the digital lock detector, depending on INT
or FRAC operation selected.
0x0
R/W
0: FRAC Mode (5 ns).
1: INT Mode (2.4 ns).
4
BLEED_GATE
Gated Bleed.
0x0
R/W
0: gate bleed disabled.
1: gate bleed on, digital lock detect (digital lock detect must be enabled)
3
BLEED_EN
Bleed Enable. Bleed current applies to a current inside the charge pump to improve the
linearity of the charge pump. This current leads to lower phase noise and improved spurious
performance. Set to 1 to enable negative bleed.
0x0
R/W
0: negative bleed disabled.
1: negative bleed enabled.
2
VCOLDO_PD
VCO LDO Enable. For optimal spurious and phase noise performance, disable VCO LDO.
0x1
R/W
0: VCO LDO enabled.
1: VCO LDO disabled.
[1:0]
RF_PBS
Reserved.
0x1
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com