| Electronic Components Datasheet Search |
|
SH7705 Datasheet(PDF) 35 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7705 Datasheet(HTML) 35 Page - Renesas Technology Corp |
|
35 / 739 page ![]() Rev. 2.00, 09/03, page xxxv of xlvi Section 8 Direct Memory Access Controller (DMAC) Figure 8.1 Block Diagram of DMAC ..................................................................................... 240 Figure 8.2 DMAC Transfer Flowchart ................................................................................... 253 Figure 8.3 Round-Robin Mode .............................................................................................. 258 Figure 8.4 Channel Priority in Round-Robin Mode ................................................................ 259 Figure 8.5 Data Flow of Dual Address Mode ......................................................................... 261 Figure 8.6 Example of DMA Transfer Timing in Dual Mode (Source: Ordinary Memory, Destination: Ordinary Memory).................................. 262 Figure 8.7 Data Flow in Single Address Mode ....................................................................... 263 Figure 8.8 Example of DMA Transfer Timing in Single Address Mode.................................. 263 Figure 8.9 DMA Transfer Example in Cycle-Steal Normal Mode (Dual Address, DREQ Low Level Detection)......................................................... 264 Figure 8.10 Example of DMA Transfer in Cycle Steal Intermittent Mode (Dual Address, DREQ Low Level Detection)....................................................... 265 Figure 8.11 DMA Transfer Example in Burst Mode (Dual Address, DREQ Low Level Detection)....................................................... 265 Figure 8.12 Bus State when Multiple Channels are Operating................................................. 267 Figure 8.13 Example of DREQ Input Detection in Cycle Steal Mode Edge Detection ............. 267 Figure 8.14 Example of DREQ Input Detection in Cycle Steal Mode Level Detection ............ 268 Figure 8.15 Example of DREQ Input Detection in Burst Mode Edge Detection ...................... 268 Figure 8.16 Example of DREQ Input Detection in Burst Mode Level Detection ..................... 269 Figure 8.17 Example of DMA Transfer End Signal (in Cycle Steal Level Detection) .............. 269 Figure 8.18 BSC Ordinary Memory Access (No Wait, Idle Cycle 1, Longword Access to 16-Bit Device) ................................ 270 Section 9 Clock Pulse Generator (CPG) Figure 9.1 Block Diagram of Clock Pulse Generator .............................................................. 272 Figure 9.2 Points for Attention when Using Crystal Resonator ............................................... 283 Figure 9.3 Points for Attention when Using PLL Oscillator Circuit ........................................ 284 Section 10 Watchdog Timer (WDT) Figure 10.1 Block Diagram of WDT ...................................................................................... 286 Figure 10.2 Writing to WTCNT and WTCSR ........................................................................ 290 Section 11 Power-Down Modes Figure 11.1 Canceling Standby Mode with STBY Bit in STBCR............................................ 301 Figure 11.2 Power-On Reset STATUS Output ....................................................................... 303 Figure 11.3 Manual Reset STATUS Output ........................................................................... 303 Figure 11.4 Canceling Software Standby by Interrupt STATUS Output.................................. 304 Figure 11.5 Canceling Software Standby by Power-On Reset STATUS Output ...................... 304 Figure 11.6 Canceling Software Standby by Manual Reset STATUS Output .......................... 305 Figure 11.7 Canceling Sleep by Interrupt STATUS Output .................................................... 305 Figure 11.8 Canceling Sleep by Power-On Reset STATUS Output......................................... 306 Figure 11.9 Canceling Sleep by Manual Reset STATUS Output............................................. 306 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |