Electronic Components Datasheet Search
  English  ▼

X  

SH7705 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # SH7705
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  739 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7705 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button SH7705 Datasheet HTML 12Page - Renesas Technology Corp SH7705 Datasheet HTML 13Page - Renesas Technology Corp SH7705 Datasheet HTML 14Page - Renesas Technology Corp SH7705 Datasheet HTML 15Page - Renesas Technology Corp SH7705 Datasheet HTML 16Page - Renesas Technology Corp SH7705 Datasheet HTML 17Page - Renesas Technology Corp SH7705 Datasheet HTML 18Page - Renesas Technology Corp SH7705 Datasheet HTML 19Page - Renesas Technology Corp SH7705 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 739 page
background image
Rev. 2.00, 09/03, page xvi of xlvi
Item
Page
Revisions (See Manual for Details)
25.3.1 Clock Timing
Figure 25.5 Power-On
Oscillation Settling Time
633
Figure amended
V
CC min
t
RESPW
t
RESPS
t
OSC1
V
CC
RESETP
TRST
CKIO,
internal clock
Stable oscillation
25.3.2 Control Signal
Timing
Table 25.6 Control Signal
Timing
636
Conditions amended
(Conditions: VCCQ= VCC-RTC = VCC-USB = 3.0 to 3.6 V,
VCC =VCC-PLL1 = VCC-PLL2 = 1.4 to 1.6 V, AVCC =3.0 to
3.6 V, VSSQ= VSS =VSS-RTC = VSS-USB = VSS-PLL1 = VSS-
PLL2 = AVSS =0 V, Ta = –20 to 75°C, Clock mode
0/1/2/4/5/6/7)
Note *1 amended
Note: 1.
RESETP, RESETM, NMI, and IRQ5 to IRQ0 are
asynchronous.
⋅⋅⋅⋅⋅⋅
Figure 25.15 Pin Drive
Timing at Standby
638
Figure amended
CKIO
tSTD
STATUS 0
STATUS 1
Normal mode
Normal mode
Standby mode
25.3.4 Basic Timing
Figure 25.16 Basic Bus
Cycle (No Wait)
640
Note *2 added
t
AH
t
WED
t
WED
t
WDH1
t
WDH4
t
WDD1
WEn*2
D31 to D0
Write
Notes: 1. DACKn is a waveform when active-low is specified.
2. Output timing is the same when reading byte-selection SRAM.
Figure 25.17 Basic Bus
Cycle (One Software Wait)
641
Note *2 added
t
WED
t
WED
t
AH
t
WDH1
t
WDH4
t
WDD1
WEn*2
D31 to D0
Notes: 1. DACKn is a waveform when active-low is specified.
2. Output timing is the same when reading byte-selection SRAM.
Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com