| Electronic Components Datasheet Search |
|
SH7705 Datasheet(PDF) 42 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7705 Datasheet(HTML) 42 Page - Renesas Technology Corp |
|
42 / 739 page ![]() Rev. 2.00, 09/03, page xlii of xlvi Tables Section 1 Overview Table 1.1 SH7705 Features...................................................................................................... 2 Table 1.2 Pin Functions ........................................................................................................... 9 Table 1.3 Pin Functions ......................................................................................................... 17 Section 2 CPU Table 2.1 Logical Address Space ........................................................................................... 28 Table 2.2 Register Initial Values ............................................................................................ 30 Table 2.3 Addressing Modes and Effective Addresses for CPU Instructions ........................... 42 Table 2.4 CPU Instruction Formats........................................................................................ 45 Table 2.5 CPU Instruction Types ........................................................................................... 48 Table 2.6 Data Transfer Instructions ...................................................................................... 52 Table 2.7 Arithmetic Operation Instructions........................................................................... 54 Table 2.8 Logic Operation Instructions .................................................................................. 56 Table 2.9 Shift Instructions.................................................................................................... 57 Table 2.10 Branch Instructions ............................................................................................ 58 Table 2.11 System Control Instructions................................................................................ 59 Table 2.12 Operation Code Map .......................................................................................... 62 Section 3 Memory Management Unit (MMU) Table 3.1 Access States Designated by D, C, and PR Bits....................................................... 80 Section 4 Cache Table 4.1 Number of Entries and Size/Way in Each Cache Size ............................................. 93 Table 4.2 LRU and Way Replacement (when Cache Locking Mechanism Is Disabled) ........... 95 Table 4.3 Way Replacement when a PREF Instruction Misses the Cache................................ 99 Table 4.4 Way Replacement when Instructions other than the PREF Instruction Miss the Cache...................................................................... 99 Table 4.5 LRU and Way Replacement (when W2LOCK = 1 and W3LOCK = 0).................... 99 Table 4.6 LRU and Way Replacement (when W2LOCK = 0 and W3LOCK = 1).................... 99 Table 4.7 LRU and Way Replacement (when W2LOCK = 1 and W3LOCK = 1).................. 100 Table 4.8 Address Format Based on Size of Cache to be Assigned to Memory...................... 106 Section 5 Exception Handling Table 5.1 Exception Event Vectors ...................................................................................... 116 Section 6 Interrupt Controller (INTC) Table 6.1 Pin Configuration................................................................................................. 127 Table 6.2 Interrupt Sources and IPRA to IPRH..................................................................... 128 Table 6.3 IRL3 to IRL0 Pins and Interrupt Levels ................................................................ 138 Table 6.4 Interrupt Exception Handling Sources and Priority (IRQ Mode) ............................ 140 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |