Electronic Components Datasheet Search
  English  ▼

X  

SH7705 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # SH7705
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  739 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7705 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button SH7705 Datasheet HTML 87Page - Renesas Technology Corp SH7705 Datasheet HTML 88Page - Renesas Technology Corp SH7705 Datasheet HTML 89Page - Renesas Technology Corp SH7705 Datasheet HTML 90Page - Renesas Technology Corp SH7705 Datasheet HTML 91Page - Renesas Technology Corp SH7705 Datasheet HTML 92Page - Renesas Technology Corp SH7705 Datasheet HTML 93Page - Renesas Technology Corp SH7705 Datasheet HTML 94Page - Renesas Technology Corp SH7705 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 739 page
background image
Rev. 2.00, 09/03, page 45 of 690
2.5.3
CPU Instruction Formats
Table 2.4 shows the instruction formats, and the meaning of the source and destination operands,
for instructions executed by the CPU core. The meaning of the operands depends on the
instruction code. The following symbols are used in the table.
xxxx:
Instruction code
mmmm: Source register
nnnn:
Destination register
iiii:
Immediate data
dddd:
Displacement
Table 2.4
CPU Instruction Formats
Instruction Format
Source
Operand
Destination
Operand
Sample Instruction
0 type
xxxx xxxx xxxx xxxx
15
0
——
NOP
n type
xxxx nnnn xxxx xxxx
15
0
—
nnnn: register
direct
MOVT
Rn
Control register or
system register
nnnn: register
direct
STS
MACH,Rn
Control register or
system register
nnnn: pre-
decrement register
indirect
STC.L
SR,@-Rn
m type
xxxx mmmm xxxx xxxx
15
0
mmmm: register
direct
Control register or
system register
LDC
Rm,SR
mmmm: post-
increment register
indirect
Control register or
system register
LDC.L
@Rm+,SR
mmmm: register
indirect
—JMP
@Rm
PC-relative using
Rm
—BRAF
Rm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com