Electronic Components Datasheet Search
  English  ▼

X  

SH7705 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # SH7705
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  739 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7705 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button SH7705 Datasheet HTML 11Page - Renesas Technology Corp SH7705 Datasheet HTML 12Page - Renesas Technology Corp SH7705 Datasheet HTML 13Page - Renesas Technology Corp SH7705 Datasheet HTML 14Page - Renesas Technology Corp SH7705 Datasheet HTML 15Page - Renesas Technology Corp SH7705 Datasheet HTML 16Page - Renesas Technology Corp SH7705 Datasheet HTML 17Page - Renesas Technology Corp SH7705 Datasheet HTML 18Page - Renesas Technology Corp SH7705 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 739 page
background image
Rev. 2.00, 09/03, page xv of xlvi
Item
Page
Revisions (See Manual for Details)
22.2.10 Execution Times
Break Register (BETR)
552
Note added
Note: If the channel B brake condition set to during instruction fetch cycles and any of the
instructions below perform breaks, BETR is not decremented when the first break occurs.
The decremented values are listed below.
RTE
DMULS.L Rm,Rn
DMULU.L Rm,Rn
MAC.L @Rm+,@Rn+
MAC.W @Rm+,@Rn+
MUL.L Rm,Rn
AND.B #imm,@(R0,GBR)
OR.B #imm,@(R0,GBR)
TAS.B @Rn
TST.B #imm,@(R0,GBR)
XOR.B #imm,@(R0,GBR)
LDC Rm,SR
LDC Rm,GBR
LDC Rm,VBR
LDC Rm,SSR
LDC Rm,SPC
LDC Rm,R0_BANK
LDC Rm,R1_BANK
LDC Rm,R2_BANK
LDC Rm,R3_BANK
LDC Rm,R4_BANK
LDC Rm,R5_BANK
LDC Rm,R6_BANK
LDC Rm,R7_BANK
4
2
2
2
2
3
3
3
3
3
3
4
4
4
4
4
4
4
4
4
4
4
4
4
Instruction
Value
Decremented
LDC.L @Rm+,SR
LDC.L @Rm+,GBR
LDC.L @Rm+,VBR
LDC.L @Rm+,SSR
LDC.L @Rm+,SPC
LDC.L @Rm+,R0_BANK
LDC.L @Rm+,R1_BANK
LDC.L @Rm+,R2_BANK
LDC.L @Rm+,R3_BANK
LDC.L @Rm+,R4_BANK
LDC.L @Rm+,R5_BANK
LDC.L @Rm+,R6_BANK
LDC.L @Rm+,R7_BANK
LDC.L @Rn+,MOD
LDC.L @Rn+,RS
LDC.L @Rn+,RE
LDC Rn,MOD
LDC Rn,RS
LDC Rn,RE
BSR label
BSRF Rm
JSR @Rm
6
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
2
2
2
Instruction
Value
Decremented
23.2 Input/Output Pins
569
Note * added
Note: * The pull-up MOS turns on if the pin function
controller (PFC) is used to select other functions (UDI).
23.3.3 Boundary Scan
Register (SDBSR)
570
Description amended
SDBSR is a 385-bit shift register, located on the PAD, for
controlling the input/output pins of this LSI.
23.5.2 Points for Attention
582
Item 7 added under “23.5.2 Points for Attention”
7. The CKIO cock should operate during boundary scan.
The MD[2:0] pin should be set to the clock mode used
during normal operation, and EXTAL and CKIO should be
set within the frequency range specified in the Clock Pulse
Generator (CPG) section.
As during normal operation, the boundary scan test should
be performed after allowing sufficient settling time for the
crystal oscillator, PLL1, and PLL2.
24.1 Register Addresses
(by functional module, in
order of the corresponding
section numbers)
592
Access size of EP1 data register and EP2 data register
amended to 8/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com