Electronic Components Datasheet Search
  English  ▼

X  

SH7705 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # SH7705
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  739 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7705 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button SH7705 Datasheet HTML 93Page - Renesas Technology Corp SH7705 Datasheet HTML 94Page - Renesas Technology Corp SH7705 Datasheet HTML 95Page - Renesas Technology Corp SH7705 Datasheet HTML 96Page - Renesas Technology Corp SH7705 Datasheet HTML 97Page - Renesas Technology Corp SH7705 Datasheet HTML 98Page - Renesas Technology Corp SH7705 Datasheet HTML 99Page - Renesas Technology Corp SH7705 Datasheet HTML 100Page - Renesas Technology Corp SH7705 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 739 page
background image
Rev. 2.00, 09/03, page 51 of 690
The instruction code, operation, and number of execution states of the CPU instructions are shown
in the following tables, classified by instruction type, using the format shown below.
Instruction
Instruction Code
Operation
Privilege
Execution
States
TBit
Indicated by mnemonic.
Explanation of Symbols
OP.Sz SRC, DEST
OP:
Operation code
Sz:
Size
SRC:
Source
DEST: Destination
Rm:
Source register
Rn:
Destination register
imm: Immediate data
disp: Displacement
Indicated in MSB
↔
LSB order.
Explanation of Symbols
mmmm: Source register
nnnn: Destination register
0000: R0
0001: R1
.........
1111: R15
iiii:
Immediate data
dddd:
Displacement*
2
Indicates summary of
operation.
Explanation of Symbols
→, ←: Transfer direction
(xx):
Memory operand
M/Q/T: Flag bits in SR
&:
Logical AND of each bit
|:
Logical OR of each bit
^:
Exclusive logical OR of
each bit
~:
Logical NOT of each bit
<<n: n-bit left shift
>>n: n-bit right shift
Indicates a
privileged
instruction.
Value when
no wait
states are
inserted*
1
Value of T
bit after
instruction is
executed
Explanation
of Symbols
—: No
change
Notes: 1. The table shows the minimum number of execution states. In practice, the number of
instruction execution states will be increased in cases such as the following:
a.
When there is a conflict between an instruction fetch and a data access
b.
When the destination register of a load instruction (memory
→ register) is also
used by the following instruction
2. Scaled (x1, x2, or x4) according to the instruction operand size, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com