| Electronic Components Datasheet Search |
|
SH7705 Datasheet(PDF) 64 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7705 Datasheet(HTML) 64 Page - Renesas Technology Corp |
|
64 / 739 page ![]() Rev. 2.00, 09/03, page 18 of 690 Classification Symbol I/O Name Function Operating mode control MD6 to MD0 I Mode set Sets the operating mode. Do not change values on these pins during operation. MD2 to MD0 set the clock mode, MD3 and MD4 set the bus-width mode of area 0 and MD5 sets the endian. MD6 pin should be connected to VssQ. RESETP I Power-on reset When low, the system enters the power-on reset state. RESETM I Manual reset When low, the system enters the manual reset state. STATUS1, STATUS0 O Status output Indicates the operating state. BREQ I Bus request Low when an external device requests the release of the bus mastership. BACK O Bus request acknowledge Indicates that the bus mastership has been released to an external device. Reception of the BACK signal informs the device which has output the BREQ signal that it has acquired the bus. System control CA I Chip active High in normal operation, and low in hardware standby mode. NMI I Non-maskable interrupt Non-maskable interrupt request pin. Fix to high level when not in use. IRQ5 to IRQ0 I Interrupt requests 5 to 0 Maskable interrupt request pin. Selectable as level input or edge input. The rising edge or falling edge is selectable as the detection edge. The low level or high level is selectable as the detection level. IRL3 to IRL0 I Interrupt requests 3 to 0 Maskable interrupt request pin. Input a coded interrupt level. Interrupts PINT15 to PINT0 I Interrupt requests 15to0 PINT interrupt request pin. Address bus A25 to A0 O Address bus Outputs addresses. Data bus D31 to D0 I/O Data bus 32-bit bidirectional data bus. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |