Electronic Components Datasheet Search
  English  ▼

X  

SH7705 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # SH7705
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  739 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7705 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button SH7705 Datasheet HTML 19Page - Renesas Technology Corp SH7705 Datasheet HTML 20Page - Renesas Technology Corp SH7705 Datasheet HTML 21Page - Renesas Technology Corp SH7705 Datasheet HTML 22Page - Renesas Technology Corp SH7705 Datasheet HTML 23Page - Renesas Technology Corp SH7705 Datasheet HTML 24Page - Renesas Technology Corp SH7705 Datasheet HTML 25Page - Renesas Technology Corp SH7705 Datasheet HTML 26Page - Renesas Technology Corp SH7705 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 739 page
background image
Rev. 2.00, 09/03, page xxiii of xlvi
8.3.3
DMA Transfer Count Registers (DMATCR) .................................................... 243
8.3.4
DMA Channel Control Registers (CHCR)........................................................ 243
8.3.5
DMA Operation Register (DMAOR) ............................................................... 248
8.3.6
DMA Extended Resource Selectors 0, 1 (DMARS0, DMARS1)....................... 250
8.4
Operation..................................................................................................................... 252
8.4.1
Transfer Flow.................................................................................................. 252
8.4.2
DMA Transfer Requests .................................................................................. 254
8.4.3
Channel Priority .............................................................................................. 257
8.4.4
DMA Transfer Types....................................................................................... 260
8.4.5
Number of Bus Cycle States and DREQ Pin Sampling Timing ......................... 267
8.5
Precautions .................................................................................................................. 270
8.5.1
Precautions when Mixing Cycle-Steal Mode Channels and Burst Mode
Channels ......................................................................................................... 270
Section 9 Clock Pulse Generator (CPG)......................................................... 271
9.1
Features ....................................................................................................................... 271
9.2
Input/Output Pins......................................................................................................... 274
9.3
Clock Operating Modes................................................................................................ 275
9.4
Register Descriptions ................................................................................................... 279
9.4.1
Frequency Control Register (FRQCR).............................................................. 279
9.4.2
USB Clock Frequency Control Register (UCLKCR) ........................................ 281
9.4.3
Usage Notes .................................................................................................... 281
9.5
Changing Frequency .................................................................................................... 282
9.5.1
Changing Multiplication Rate .......................................................................... 282
9.5.2
Changing Division Ratio.................................................................................. 282
9.5.3
Modification of Clock Operating Mode............................................................ 282
9.6
Usage Notes................................................................................................................. 283
Section 10 Watchdog Timer (WDT) .............................................................. 285
10.1
Features ....................................................................................................................... 285
10.2
Register Descriptions ................................................................................................... 286
10.2.1 Watchdog Timer Counter (WTCNT)................................................................ 286
10.2.2 Watchdog Timer Control/Status Register (WTCSR)......................................... 287
10.2.3 Notes on Register Access................................................................................. 289
10.3
Operation..................................................................................................................... 290
10.3.1 Canceling Software Standbys........................................................................... 290
10.3.2 Changing Frequency........................................................................................ 291
10.3.3 Using Watchdog Timer Mode.......................................................................... 291
10.3.4 Using Interval Timer Mode.............................................................................. 291
Section 11 Power-Down Modes..................................................................... 293
11.1
Features ....................................................................................................................... 293
11.2
Input/Output Pins......................................................................................................... 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com