Electronic Components Datasheet Search
  English  ▼

X  

SH7705 Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # SH7705
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  739 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7705 Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button SH7705 Datasheet HTML 83Page - Renesas Technology Corp SH7705 Datasheet HTML 84Page - Renesas Technology Corp SH7705 Datasheet HTML 85Page - Renesas Technology Corp SH7705 Datasheet HTML 86Page - Renesas Technology Corp SH7705 Datasheet HTML 87Page - Renesas Technology Corp SH7705 Datasheet HTML 88Page - Renesas Technology Corp SH7705 Datasheet HTML 89Page - Renesas Technology Corp SH7705 Datasheet HTML 90Page - Renesas Technology Corp SH7705 Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 739 page
background image
Rev. 2.00, 09/03, page 41 of 690
Literal Constant: Byte literal constant is placed inside the instruction code as immediate data.
Since the instruction length is fixed to 16 bits, word and longword literal constant is not placed
inside the instruction code, but in a table in memory. The table in memory is referenced with a
MOV instruction using PC-relative addressing mode with displacement.
Example:
MOV.W
@(disp, PC)
Absolute Addresses: When data is referenced by absolute address, the absolute address value is
placed in a table in memory beforehand as well as word or longword literal constant. Using the
method whereby immediate data is loaded when an instruction is executed, this value is
transferred to a register and the data is referenced using register indirect addressing mode.
16-Bit/32-Bit Displacement: When data is referenced with a 16- or 32-bit displacement, the
displacement value is placed in a table in memory beforehand. Using the method whereby word or
longword immediate data is loaded when an instruction is executed, this value is transferred to a
register and the data is referenced using indexed register indirect addressing mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com