Electronic Components Datasheet Search
  English  ▼

X  

SH7705 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # SH7705
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  739 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7705 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button SH7705 Datasheet HTML 8Page - Renesas Technology Corp SH7705 Datasheet HTML 9Page - Renesas Technology Corp SH7705 Datasheet HTML 10Page - Renesas Technology Corp SH7705 Datasheet HTML 11Page - Renesas Technology Corp SH7705 Datasheet HTML 12Page - Renesas Technology Corp SH7705 Datasheet HTML 13Page - Renesas Technology Corp SH7705 Datasheet HTML 14Page - Renesas Technology Corp SH7705 Datasheet HTML 15Page - Renesas Technology Corp SH7705 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 739 page
background image
Rev. 2.00, 09/03, page xii of xlvi
Item
Page
Revisions (See Manual for Details)
6.1 Features
Figure 6.1 Block Diagram
of INTC
126
CMT deleted
DMAC
SCIF
ADC
USB
TMU
6
DMAC : Direct memory access controller
SCIF
: Serial communication interface (with FIFO)
ADC
: A/D converter
USB
: USB interface
TMU
: Timer pulse unit
TPU
: 16-bit timer pulse unit
Input/output
control
(Interrupt request)
Legend:
IRQ5
−IRQ0
16
PINT15
−PINT0
NMI
6.4.6 Interrupt Exception
Handling and Priority
Table 6.4 Interrupt
Exception Handling Sources
and Priority (IRQ Mode)
140
IPR (bit numbers) amended for interrupt source TMU2
IPRA (7to4)
7.4.2 CSn Space Bus
Control Register (CSnBCR)
(n = 0, 2,3,4, 5A, 5B,6A,
6B)
160
Bits 14 to 12 description added
Note: SDRAM can be specified only in area 2 and area 3. If
SDRAM is connected to only one area, SDRAM should be
specified for area 3. In this case area 2 should be specified
as normal space.
161
Note 5 added
Note: 5. The SDRAM bank active mode can only be used
for the CS3 space. (Refer to the explanation of the BACTV
bit in the SDRAM control register.)
177
Bits 31 to 18 description amended
7.4.5 Refresh Timer
Control/Status Register
(RTCSR)
Bit
Bit
Name
Initial
Value
R/W
Description
31 to 8
0R
Reserved
179
Bits 31 to 18 description amended
Bit
Bit
Name
Initial
Value
R/W
Description
7.4.6 Refresh Timer
Counter (RTCNT)
31 to 8
0R
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com