| Electronic Components Datasheet Search |
|
SH7705 Datasheet(PDF) 36 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7705 Datasheet(HTML) 36 Page - Renesas Technology Corp |
|
36 / 739 page ![]() Rev. 2.00, 09/03, page xxxvi of xlvi Figure 11.10 Hardware Standby Mode (When CA Goes Low in Normal Operation)............... 307 Figure 11.11 Hardware Standby Mode Timing (When CA Goes Low during WDT Operation while Standby Mode Is Canceled) ............................................ 307 Section 12 Timer Unit (TMU) Figure 12.1 TMU Block Diagram .......................................................................................... 310 Figure 12.2 Setting Count Operation...................................................................................... 318 Figure 12.3 Auto-Reload Count Operation............................................................................. 319 Figure 12.4 Count Timing when Internal Clock Is Operating.................................................. 319 Figure 12.5 Count Timing when External Clock Is Operating (Both Edges Detected) ............. 320 Figure 12.6 Operation Timing when Using Input Capture Function (Using TCLK Rising Edge) ................................................................................. 320 Figure 12.7 UNF Set Timing ................................................................................................. 321 Figure 12.8 Status Flag Clear Timing .................................................................................... 321 Section 13 Compare Match Timer (CMT) Figure 13.1 CMT Block Diagram .......................................................................................... 323 Figure 13.2 Counter Operation .............................................................................................. 326 Figure 13.3 Count Timing ..................................................................................................... 327 Figure 13.4 CMF Set Timing................................................................................................. 327 Section 14 16-Bit Timer Pulse Unit (TPU) Figure 14.1 Block Diagram of TPU ....................................................................................... 331 Figure 14.2 Example of Counter Operation Setting Procedure................................................ 343 Figure 14.3 Free-Running Counter Operation ........................................................................ 344 Figure 14.4 Periodic Counter Operation................................................................................. 344 Figure 14.5 Example of Setting Procedure for Waveform Output by Compare Match ............. 345 Figure 14.6 Example of 0 Output/1 Output Operation ............................................................ 345 Figure 14.7 Example of Toggle Output Operation .................................................................. 346 Figure 14.8 Compare Match Buffer Operation ....................................................................... 346 Figure 14.9 Example of Buffer Operation Setting Procedure .................................................. 347 Figure 14.10 Example of Buffer Operation ............................................................................ 348 Figure 14.11 Example of PWM Mode Setting Procedure ....................................................... 349 Figure 14.12 Example of PWM Mode Operation (1) .............................................................. 350 Figure 14.13 Examples of PWM Mode Operation (2) ............................................................ 350 Section 15 Realtime Clock (RTC) Figure 15.1 RTC Block Diagram ........................................................................................... 352 Figure 15.2 Setting Time ....................................................................................................... 369 Figure 15.3 Reading the Time................................................................................................ 370 Figure 15.4 Using the Alarm Function ................................................................................... 371 Figure 15.5 Example of Crystal Oscillator Circuit Connection ............................................... 372 Figure 15.6 Using Periodic Interrupt Function ....................................................................... 373 Section 16 Serial Communication Interface with FIFO (SCIF) Figure 16.1 Block Diagram of SCIF ...................................................................................... 377 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |