Electronic Components Datasheet Search
  English  ▼

X  

SH7705 Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # SH7705
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  739 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7705 Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button SH7705 Datasheet HTML 75Page - Renesas Technology Corp SH7705 Datasheet HTML 76Page - Renesas Technology Corp SH7705 Datasheet HTML 77Page - Renesas Technology Corp SH7705 Datasheet HTML 78Page - Renesas Technology Corp SH7705 Datasheet HTML 79Page - Renesas Technology Corp SH7705 Datasheet HTML 80Page - Renesas Technology Corp SH7705 Datasheet HTML 81Page - Renesas Technology Corp SH7705 Datasheet HTML 82Page - Renesas Technology Corp SH7705 Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 739 page
background image
Rev. 2.00, 09/03, page 33 of 690
31
R0*1 *2
R1*2
R2*2
R3*2
R4*2
R5*2
R6*2
R7*2
R8
R9
R10
R11
R12
R13
R14
R15
0
General Registers: Undefined after reset
Notes: 1. R0 functions as an index register in the indexed
register-indirect addressing mode and indexed
GBR-indirect addressing mode. In some
instructions, only R0 can be used as the source
or destination register.
2. R0
−R7 are banked registers. In user mode,
BANK0 is used. In privileged mode, either
R0_BANK0 to R7_BANK0 or R0_BANK1 to
R7_BANK1 is selected by the RB bit of the SR
register.
Figure 2.4 General Registers
2.3.2
System Registers
The system registers: multiply and accumulate registers (MACH/MACL) and procedure register
(PR) as system registers can be accessed by the LDS and STS instructions.
Multiply and Accumulate Registers (MACH/MACL): The multiply and accumulate registers
(MACH/MACL) store the results of multiplication and accumulation instructions or multiplication
instructions. The MACH/MACL registers also store addition values for the multiplication and
accumulations. After reset, these registers are undefined. The MACH and MACL registers store
upper 32 bits and lower 32 bits, respectively.
Procedure Register (PR): The procedure register (PR) stores the return address for a subroutine
call using the BSR, BSRF, or JSR instruction. The return address stored in the PR register is
restored to the program counter (PC) by the RTS (return from the subroutine) instruction. After
reset, this register is undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com