Electronic Components Datasheet Search
  English  ▼

X  

SH7705 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # SH7705
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  739 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7705 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button SH7705 Datasheet HTML 18Page - Renesas Technology Corp SH7705 Datasheet HTML 19Page - Renesas Technology Corp SH7705 Datasheet HTML 20Page - Renesas Technology Corp SH7705 Datasheet HTML 21Page - Renesas Technology Corp SH7705 Datasheet HTML 22Page - Renesas Technology Corp SH7705 Datasheet HTML 23Page - Renesas Technology Corp SH7705 Datasheet HTML 24Page - Renesas Technology Corp SH7705 Datasheet HTML 25Page - Renesas Technology Corp SH7705 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 739 page
background image
Rev. 2.00, 09/03, page xxii of xlvi
7.2
Pin Configuration ........................................................................................................ 151
7.3
Area Overview............................................................................................................. 152
7.3.1
Address Map ................................................................................................... 152
7.3.2
Memory Bus Width ......................................................................................... 154
7.3.3
Shadow Space ................................................................................................. 155
7.4
Register Descriptions................................................................................................... 155
7.4.1
Common Control Register (CMNCR) .............................................................. 156
7.4.2
CSn Space Bus Control Register (CSnBCR) (n = 0, 2, 3, 4, 5A, 5B, 6A, 6B) .... 158
7.4.3
CSn Space Wait Control Register (CSnWCR) (n = 0, 2, 3, 4, 5A, 5B, 6A, 6B) . 161
7.4.4
SDRAM Control Register (SDCR) .................................................................. 174
7.4.5
Refresh Timer Control/Status Register (RTCSR) ............................................. 177
7.4.6
Refresh Timer Counter (RTCNT) .................................................................... 179
7.4.7
Refresh Time Constant Register (RTCOR) ...................................................... 179
7.4.8
Reset Wait Counter (RWTCNT)...................................................................... 180
7.5
Endian/Access Size and Data Alignment ...................................................................... 180
7.6
Normal Space Interface................................................................................................ 187
7.6.1
Basic Timing................................................................................................... 187
7.6.2
Access Wait Control........................................................................................ 192
7.6.3
CSn Assert Period Expansion .......................................................................... 194
7.7
Address/Data Multiplex I/O Interface........................................................................... 195
7.8
SDRAM Interface........................................................................................................ 198
7.8.1
SDRAM Direct Connection ............................................................................. 198
7.8.2
Address Multiplexing ...................................................................................... 200
7.8.3
Burst Read ...................................................................................................... 212
7.8.4
Single Read..................................................................................................... 214
7.8.5
Burst Write ..................................................................................................... 215
7.8.6
Single Write .................................................................................................... 217
7.8.7
Bank Active .................................................................................................... 218
7.8.8
Refreshing....................................................................................................... 225
7.8.9
Low-Frequency Mode ..................................................................................... 228
7.8.10 Power-On Sequence ........................................................................................ 229
7.9
Burst ROM Interface.................................................................................................... 231
7.10
Byte-Selection SRAM Interface ................................................................................... 233
7.11
Wait between Access Cycles ........................................................................................ 235
7.12
Bus Arbitration ............................................................................................................ 235
7.13
Others.......................................................................................................................... 237
Section 8 Direct Memory Access Controller (DMAC)....................................239
8.1
Features....................................................................................................................... 239
8.2
Input/Output Pins......................................................................................................... 241
8.3
Register Descriptions................................................................................................... 241
8.3.1
DMA Source Address Registers (SAR)............................................................ 242
8.3.2
DMA Destination Address Registers (DAR) .................................................... 242



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com